Electronic Components Datasheet Search
  English  ▼

X  

Q-CARD Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # Q-CARD
Description  Q Card User Guide
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

Q-CARD Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  Q-CARD Datasheet HTML 1Page - Aplus Intergrated Circuits Q-CARD Datasheet HTML 2Page - Aplus Intergrated Circuits Q-CARD Datasheet HTML 3Page - Aplus Intergrated Circuits Q-CARD Datasheet HTML 4Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Integrated Circuits Inc.
Q Card
Ver. A
Page 2 of 4
To Record the sound or messages
1. Insert the Q Card into the socket of the Q Writer with the smooth side facing the buttons of the Q Writer.
2. Connect the cable of speaker/battery holder to the Power 4.5v connector of the Q Writer.
3. Slide the MIC/LINE-IN switch to the left for microphone recording or to the right for line in recording.
4. For line-in recording, connect one end of the 3.5mm line in cable to the 3.5m audio jack and the other end to the PC,
MP3 player, cell phones or other multimedia devices.
5. Slide the REC/PLAY switch to REC position.
6. Press and release the first button S001. When you hear a short beep sound and the LED is ON, start recording the
first section. For Line-in recording, start playing the sound on the multimedia device.
7. Press the same button again to stop. When you hear a short beep sound and the LED is OFF, the recording is
stopped.
8. Repeat steps 6-7 for each of the remaining 6 buttons (S002-S007)
9. Each section can have different duration. When the total duration reach to 340secs., you will hear a 2 seconds long beep
To indicate it can not save any more data.
To delete or change the recording
1. You’ll hear the “ beep beep” sound if there are messages in. Keep pressing the Erase button (S008) and then press
the section button (S001-S007) that you want to change or delete. The LED will be ON during the deletion.
2. Start the new recording for that section or leave it blank
3. To change the duration of the deleted section, you must delete other sections to give room for the new recordings.
To test the recordings
1. Slide the REC/PLAY switch to PLAY position.
2. Press and release each of the S001-S007 button to playback. LED is ON during the playback.
3. When the playback is finished, the LED will be OFF
Connecting the Accessories
1. Once the recording is finished and tested the playback, turn off the power of battery holder, unplug the Q Card from
the Q Writer,
2. Connect the speaker to the Speaker I/O pin, battery (6v) to the Power I/O.
3. Connect one wire of the trigger buttons or switches to the corresponding S1-S7 I/O pins and the second wire to
GND. Note S0 is not used for triggers.
4. Press the buttons S1-S7 to playback the corresponding recordings.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com