Electronic Components Datasheet Search
  English  ▼

X  

IRHF7230 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHF7230
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF7230 Datasheet(HTML) 3 Page - International Rectifier

  IRHF7230 Datasheet HTML 1Page - International Rectifier IRHF7230 Datasheet HTML 2Page - International Rectifier IRHF7230 Datasheet HTML 3Page - International Rectifier IRHF7230 Datasheet HTML 4Page - International Rectifier IRHF7230 Datasheet HTML 5Page - International Rectifier IRHF7230 Datasheet HTML 6Page - International Rectifier IRHF7230 Datasheet HTML 7Page - International Rectifier IRHF7230 Datasheet HTML 8Page - International Rectifier IRHF7230 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRHF7230, IRHF8230,JANSR-,JANSH-,2N7262 Devices
www.irf.com
3
Radiation Performance of Rad Hard HEXFETs
Table 1. Low Dose Rate
† ‡
IRHF7230
IRHF8230
Parameter
100K Rads (Si) 1000K Rads (Si)
Units
Test Conditions
‰
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
200
—
200
—
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
…
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
—
100
—
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
-100
—
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
—
25
—
50
µA
VDS=0.8 x Max Rating, VGS =0V
RDS(on)1
Static Drain-to-Source
…
—
1.225
—
1.68
Ω
VGS = 12V, ID = 3.5A
On-State Resistance One
VSD
Diode Forward Voltage
…
—
1.4
—
1.4
V
TC = 25°C, IS =5.5A,VGS = 0V
International Rectifier Radiation Hardened HEXFETs
are tested to verify their hardness capability. The hard-
ness assurance program at International Rectifier
comprises three radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MIL-STD-750, test
method 1019 condition A. International Rectifier has
imposed a standard gate condition of 12 volts per
note 6 and a V
DS bias condition equal to 80% of the
device rated voltage per note 7. Pre- and post- irra-
diation limits of the devices irradiated to 1 x 105 Rads
(Si) are identical and are presented in Table 1, col-
umn 1, IRHF7230. Post-irradiation limits of the devices
irradiated to 1 x 106 Rads (Si) are presented in Table
1, column 2, IRHF8230. The values in Table 1 will be
met for either of the two low dose rate test circuits that
are used. Both pre- and post-irradiation performance
are tested and specified using the same drive circuitry
and test conditions in order to provide a direct com-
parison.
High dose rate testing may be done on a special
request basis using a dose rate up to 1 x 1012 Rads
(Si)/Sec (See Table 2).
International Rectifier radiation hardened HEXFETs
have been characterized in heavy ion Single Event
Effects (SEE) environments. Single Event Effects char-
acterization is shown in Table 3.
Radiation Characteristics
Table 2. High Dose Rate
ˆ
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min Typ Max
Min Typ Max
Units
Test Conditions
VDSS
Drain-to-Source Voltage
—
—
160
—
—
160
V
Applied drain-to-source voltage during
gamma-dot
IPP
—
20
—
—
20
—
A
Peak radiation induced photo-current
di/dt
—
—
160
—
—
8.0 A/µsec Rate of rise of photo-current
L1
1.0
—
—
20
—
—
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects
LET (Si)
Fluence
Range
VDSBias
VGS Bias
Ion
(MeV/mg/cm2)
(ions/cm2)
(µm)
(V)
(V)
Cu
28
3x 105
~43
180
-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com