Electronic Components Datasheet Search
  English  ▼

X  

Z Datasheet(PDF) 1 Page - MTRONPTI

Part # Z
Description  Surface Mount Bandpass Filter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

Z Datasheet(HTML) 1 Page - MTRONPTI

  Z Datasheet HTML 1Page - MTRONPTI Z Datasheet HTML 2Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Z Series
Surface Mount Bandpass Filter
True surface mounting for uniformity with other system
components.
Standard Parameters
Special Parameters
Comments
Frequency Range
70 to 1000 MHz
30 to 1500 MHz
Percentage
Bandwidth
1 to 100%
0.5 to 200%
Maximum VSWR
1.5:1
1.2:1
Average Input
Power
1 Watt
Up to 5 Watts
Measured up to 10,000 feet
Phase Linearity
± 5°
± 2°
Phase Matching
± 2°
± 1°
Maximum
Attenuation
Up to 50 dBc
Up to 65 dBc
Topology
Chebychev
*Consult Factory
Nominal
Impedance
50 Ohms
**Consult Factory
Number of
Sections
3
5
Shock
5 G's
Up to 500 G's
See Below
Vibration
5 G's
Up to 500 G's
See Below
Humidity
90%, non-condensing
Up to 100%, non-condensing
See Below
Alititude
Unlimited
Unlimited
See Below
Operating
Temperature
0 to +50 °Celsius
-55 to +125 °Celsius
See Below
Storage
Temperature
-55 to +85 °Celsius
-65 to +150 °Celsius
See Below
Gross Leak
As required
As required
Additional testing charges will apply
Fine Leak
As required
As required
Additional testing charges will apply
Moisure
Resistance
100%
100%
Other parameters may be specified. Please consult factory for any deviation from standard.
*Other topologies are available upon requrest or design need. Tese can include, but are not limited to:
Gaussian, Butterworth, Bessel, Elliptical, and Pole-placed designs.
Overview
**Other impedances can be achieved, but the package is designed as a 50 Ohm unit. Matching to any other impedance will need prior approval and may not be
guaranteed.
Any environmental testing will incure additional charges. Consult factory for costs associated with environmental testing. All filters can be "Designed to" and may not
require the additional testing. Each application will be different.
http://www.mtronpti.com/products/Filter/Bandpass/y-series-surface-mount-bandpass


Similar Description - Z

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
Surface Mount Bandpass Filter
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0785SM MARKIMICROWAVE-FB-0785SM Datasheet
420Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-0850SM MARKIMICROWAVE-FB-0850SM Datasheet
436Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-1050SM MARKIMICROWAVE-FB-1050SM Datasheet
406Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-1140SM MARKIMICROWAVE-FB-1140SM Datasheet
436Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
SURFACE MOUNT BANDPASS FILTER
FB-1575SM MARKIMICROWAVE-FB-1575SM Datasheet
435Kb / 2P
SURFACE MOUNT BANDPASS FILTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com