Electronic Components Datasheet Search
  English  ▼

X  

MX7705 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MX7705 Datasheet HTML 25Page - Maxim Integrated Products MX7705 Datasheet HTML 26Page - Maxim Integrated Products MX7705 Datasheet HTML 27Page - Maxim Integrated Products MX7705 Datasheet HTML 28Page - Maxim Integrated Products MX7705 Datasheet HTML 29Page - Maxim Integrated Products MX7705 Datasheet HTML 30Page - Maxim Integrated Products MX7705 Datasheet HTML 31Page - Maxim Integrated Products MX7705 Datasheet HTML 32Page - Maxim Integrated Products MX7705 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Next, an internally generated voltage (VREF / GAIN) is
applied across AIN+ and AIN-. This condition results in
the full-scale calibration.
Start self-calibration by setting MD1 = 0, MD0 = 1, and
FSYNC = 0 in the setup register. Self-calibration com-
pletes in 6 x 1/output data rate. The MD1 and MD0 bits
both return to zero at the end of calibration. The device
returns to normal acquisition mode and performs a con-
version, which completes in 3 x 1/output data rate after
the self-calibration sequence.
The DRDY output goes high at the start of calibration
and falls low when the calibration is complete and the
next conversion result is valid in the data register. The
total time for self-calibration and one conversion (time
until DRDY goes low) is 9 x 1/output data rate. If DRDY
is low before or goes low during the calibration com-
mand write to the setup register, DRDY takes up to one
additional modulator cycle (128/fCLKIN) to return high to
indicate a calibration or conversion in progress.
System Calibration
System calibration compensates for offset and gain
errors for the entire analog signal path including the
ADC, signal conditioning, and signal source. System
calibration is a two-step process and requires individ-
ual zero-scale and full-scale calibrations on the select-
ed channel at a specified PGA gain. Recalibration is
recommended with changes in ambient temperature,
supply voltage, bipolar/unipolar mode, PGA gain, and
output data rate. Before starting calibration, set the
PGA gain and the desired channel.
Set the zero-scale reference point across AIN+ and AIN-.
Start the zero-scale calibration by setting MD1 = 1, MD0
= 0, and FSYNC = 0 in the setup register. When zero-
scale calibration is complete (3 x 1/output data rate),
MD1 and MD0 both return to zero. DRDY goes high at the
start of the zero-scale system calibration and returns low
when there is a valid word in the data register (4 x 1/out-
put data rate). The time until DRDY goes low is com-
prised of one zero-scale calibration sequence (3 x
1/output data rate) and one conversion on the AIN volt-
age (1 x 1/output data rate). If DRDY is low before or
goes low during the calibration command write to the
setup register, DRDY takes up to one additional modula-
tor cycle (128/fCLKIN) to return high to indicate a calibra-
tion or conversion in progress.
After performing a zero-scale calibration, connect the
analog inputs to the full-scale voltage level (VREF /
GAIN). Perform a full-scale calibration by setting MD1 =
1 and MD0 = 1. After 3 x 1/output data rate, MD1 and
MD0 both return to zero at the completion of full-scale
calibration. DRDY goes high at the beginning of cali-
bration and returns low after calibration is complete
and new data is in the data register (4 x 1/output data
rate). The time until DRDY goes low is comprised of
one full-scale calibration sequence (3 x 1/output data
rate) and one conversion on the AIN voltage (1 x 1/out-
put data rate). If DRDY is low before or goes low during
the calibration-command write to the setup register,
DRDY takes up to one additional modulator cycle
(128/fCLKIN) to return high to indicate a calibration or
conversion in progress.
In bipolar mode, the midpoint (zero scale) and positive
full scale of the transfer function are used to calculate the
calibration coefficients of the gain and offset registers. In
unipolar mode, system calibration is performed using the
two endpoints of the transfer function (Figures 4 and 5).
Power-Down Modes
The MX7705 includes a power-down mode to save
power. Select power-down mode by setting PD = 1 in
the communications register. The PD bit does not affect
the serial interface or the status of the DRDY line. While
in power-down mode, the MX7705 retains the contents
of all of its registers. Placing the part in power-down
mode reduces current consumption to 2µA (typ) when
in external clock mode and with CLKIN connected to
VDD or GND. If DRDY is high before the part enters
power-down mode, then DRDY remains high until the
part returns to normal operation mode and new data is
available in the data register. If DRDY is low before the
part enters power-down mode, indicating new data in
the data register, the data register can be read during
power-down mode. DRDY goes high at the end of this
read operation. If the new data remains unread, DRDY
stays low until the MX7705 is taken out of power-down
mode and resumes data conversion. Resume normal
operation by setting PD = 0. The device begins a new
conversion with a result appearing in 3 x 1/output data
rate + tP, where tP = 2000 x 1/fCLKIN, after PD is set to
0. If the clock is stopped during power-down mode,
allow sufficient time for the clock to start up before
resuming conversion.
If CLKDIS = 0, CLKOUT remains active during power-
down mode to provide a clock source for other devices
in the system.
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
______________________________________________________________________________________
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com