Electronic Components Datasheet Search
  English  ▼

X  

2351 Datasheet(PDF) 2 Page - Mallory performance club

Part # 2351
Description  MSD Programmable Fuel Booster
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

2351 Datasheet(HTML) 2 Page - Mallory performance club

  2351 Datasheet HTML 1Page - Mallory performance club 2351 Datasheet HTML 2Page - Mallory performance club 2351 Datasheet HTML 3Page - Mallory performance club 2351 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
INSTALLATION INSTRUCTIONS
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
MSDVIEW SOFTWARE INSTALLATION
In order to install and run the MSDView software,
the following minimum requirements are
recommended:
• MicrosoftWindowsXP/Vista
• KeyboardandMouseorsomeothercompatible
pointing device.
• Videoadapterandmonitor(800X600)orhigher
resolution.
• AvailableUSBport.
• .NET2.0orhigher.
• Internetaccess.
Important: Exit all programs before installing the
MSDView software.
Note: Internet Access is required to install the MSD
View software.
1. Insert the MSD CD into your PC. The software will
automatically begin the installation feature. If the
'Autorun' feature is disabled on your PC, go to:
Start and select Run, Select your CD Drive, and
click on the Setup exe file. The MSDView wizard
will walk you through the setup.
Note: If the .net framework is not installed on your
PC, the MSDView software will prompt the
download and setup. Click Accept to begin the
udpate and follow the steps (Figure 2).
2. You will need to answer several questions such
as a default location, the available disk space
and permissions (Figure 3). The MSDView will
also place a shortcut on your desktop. Once the
installation is complete, select Close to finish the
installation.
LED
The LED will blink fault codes to alert the following
conditions. See charts.
ON
NormalOperation/NoFault
LED ALERTS
OFF
USBPowerwithNoFault
12
13
BLINKING TWO DIGIT FAULT CODES
Over Current (25 A)
Open Load (.5 A)
14
Over Temperature (135° C)
21
22
23
24
UnderVoltage(10V)
Over Voltage (17V)
Map Sensor Out of Range
Untested
31
Over Voltage - On output
Figure 2 .NET Framework Install.
Figure 3 Select Install Folder.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com