Electronic Components Datasheet Search
  English  ▼

X  

8727CT Datasheet(PDF) 1 Page - Mallory performance club

Part # 8727CT
Description  Digital Soft-Touch HEI Rev Limiter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8727CT Datasheet(HTML) 1 Page - Mallory performance club

  8727CT Datasheet HTML 1Page - Mallory performance club 8727CT Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
Digital Soft-Touch HEI Rev Limiter
PN 8727CT
Parts Included:
1 - Digital HEI Rev Limiter
1 - Wiring Harness
2 - Mounting Screws and Nuts
The Digital HEI Rev Limiter is designed to provide an accurate engine rpm limit for racers using a GM based
HEI (internal coil) Distributor. The rev limit is easy to set with two rotary dials in 100 rpm increments with a
range from 3,000 – 9,900 rpm. The advanced digital technology of the Limiter provides a very accurate and
smooth rev limiting action. The Limiter also has a built-in recall feature that will record the peak rpm recorded
and will display that rpm value for five seconds when the ignition is turned on.
MOUNTING
The Digital Rev Limiter is designed to be mounted in the engine compartment or interior though it should be
mounted away from high heat sources. It is recommended to mount the unit within easy view for the crew
and tech inspectors to easily view the LED display for limit confirmation and adjustments.
Position the unit where the LED and adjustment dials are easy to view and access. Make sure the wiring
harness reaches the distributor and mark the location of the mounting holes. Use a 3/16” bit to drill the holes
and mount the unit with the supplied
hardware.
RPM LIMIT AND SETTINGS
The rpm limit is set using the two rotary
dials on the unit with a range of 3,000-
9,900 rpm in 100 rpm increments. The left
dial controls the 1,000s and the right dial
controls the 100s of the desired rpm value
(Figure 1). There are small numbers on
the dials to show the rpm value however
the LED will display the rpm value being
set when the ignition is in the On position
(engine can be running or not)
Maximum RPM Recorded: The PN 8727CT records the maximum rpm value that the engine reached in the
last 20 minutes of power on. When the ignition is turned on, the max rpm will flash on the display for
the first five seconds before reverting to the set rpm limit.
To reset the maximum rpm value, power to the PN 8727CT must remain on for 20 consecutive
minutes.
Faults: The Digital Rev Limiter will record and display an ‘F’ to show a Fault occurred to alert of a wiring or
operation discrpency. The ‘F’ will display on the LED screen for three seconds after the Max RPM is
shown at ignition on. Also, a flashing decimal point to the right of the LED read out to alert when a
Fault has been recorded. An ‘F’ will be recorded when the Green wire is disconnected or opened
with the engine running above 2000 rpm.
WARNING: Before installing the Digital Soft-Touch HEI Rev Limiter, disconnect the battery cables. When
disconnecting the battery cables, always remove the Negative (-) cable first and install it last.
Figure 1 The Digital HEI Rev Limiter.
6 5 0 0
.
2 3
2 3
1000s
ADJUSTMENT
100s
ADJUSTMENT
FAULT
INDICATOR
GREEN
RED
BLACK


Similar Part No. - 8727CT

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
872 ABBATRON-872 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
872 BG-872 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
872 BG-872 Datasheet
56Kb / 1P
Nexus Moulded Wiring Accessories
logo
Winchester Electronics ...
872-36-3 WINCHESTER-872-36-3 Datasheet
74Kb / 1P
JACK, BULKHEAD, SMA
872-57-3 WINCHESTER-872-57-3 Datasheet
67Kb / 1P
JACK, BULKHEAD, SMA
More results

Similar Description - 8727CT

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
75SERIES MALLORY-75SERIES Datasheet
256Kb / 8P
BILLET HEI DISTRIBUTORS
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
logo
List of Unclassifed Man...
450-4010 ETC2-450-4010 Datasheet
185Kb / 2P
Soft Touch Knobs
logo
Mallory performance clu...
PN6631 MALLORY-PN6631 Datasheet
444Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN6632 MALLORY-PN6632 Datasheet
361Kb / 4P
MSD 6-HVC Professional Racing Ignition with Rev Limiter
PN8728 MALLORY-PN8728 Datasheet
369Kb / 8P
Soft Touch Rev Control
PN83647 MALLORY-PN83647 Datasheet
329Kb / 4P
MSD HEAT Digital HEI Module
PN87286 MALLORY-PN87286 Datasheet
98Kb / 2P
Soft Touch Rev Control for Dirt Motorsports Racing Series
8728 MALLORY-8728 Datasheet
369Kb / 8P
Soft Touch Rev Control
83647 MALLORY-83647 Datasheet
326Kb / 4P
MSD HEAT Digital HEI Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com