Electronic Components Datasheet Search
  English  ▼

X  

8728 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8728
Description  Soft Touch Rev Control
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8728 Datasheet(HTML) 1 Page - Mallory performance club

  8728 Datasheet HTML 1Page - Mallory performance club 8728 Datasheet HTML 2Page - Mallory performance club 8728 Datasheet HTML 3Page - Mallory performance club 8728 Datasheet HTML 4Page - Mallory performance club 8728 Datasheet HTML 5Page - Mallory performance club 8728 Datasheet HTML 6Page - Mallory performance club 8728 Datasheet HTML 7Page - Mallory performance club 8728 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Soft Touch Rev Control
PN 8728
WARNING: During installation, disconnect the battery cables. When disconnecting the battery,
always remove he Negative cable first and install it last.
Figure 1 Selecting the Number of Cylinders.
Figure 2 Installing the Vibration Mounts.
MSD • WWW.MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
Note: This Soft Touch Rev Control, PN 8728, is designed for inductive style ignition systems only. It
cannot be used with an MSD Ignition Control!
Parts Included:
1 - Soft Touch Rev Control
4 - Mounting Pads and Sleeves
4 - RPM Modules, 3,000, 6,000, 7,000, 8,000
4 - Wire Splicers
4 - Self Tapping Screws
4 - Wire Insulating Caps
Note: The RPM limit is set with plug-in rpm modules. If an rpm module is not installed, there will be
no rpm limit.
CYLINDER SELECT
The Soft Touch Rev Control comes from MSD
programmed for 8-cylinder applications. It can
easily be adjusted for operation on other en-
gines by cutting the cylinder select wire loops
(Figure 1). If the loops are cut, use the supplied
insulating caps to seal the wire ends.
MOUNTING
The Rev Control can be mounted in the engine
compartment but away from direct heat sources. It is recom-
mended to mount it where the rpm module is easy to access
for rpm adjustments. Make sure all of the wiring reaches their
connections. Once a suitable mounting location is determined
mark the location of the mounting holes by using the unit as a
template. Remove the unit and use an 1/8” bit to drill the holes.
Install the supplied mounts and use the four self tapping screws
to secure the Control (Figure 2).
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8728

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8728 BELDEN-8728 Datasheet
165Kb / 2P
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
01-20-2023
8728-0601000 BELDEN-8728-0601000 Datasheet
165Kb / 2P
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
01-20-2023
8728-060500 BELDEN-8728-060500 Datasheet
165Kb / 2P
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
01-20-2023
8728-0605000 BELDEN-8728-0605000 Datasheet
165Kb / 2P
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
01-20-2023
8728-060U1000 BELDEN-8728-060U1000 Datasheet
165Kb / 2P
Special Audio, 2 Pair 22 AWG TC, Shielded, CM
01-20-2023
More results

Similar Description - 8728

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7231 LSI-LS7231 Datasheet
70Kb / 8P
TOUCH CONTROL LAMP DIMMER
LS7232ND LSI-LS7232ND Datasheet
48Kb / 5P
TOUCH CONTROL LAMP DIMMER
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
TACT SWITCHES - SOFT TOUCH
logo
List of Unclassifed Man...
450-4010 ETC2-450-4010 Datasheet
185Kb / 2P
Soft Touch Knobs
logo
Richco, Inc.
TCS-1 RICHCO-TCS-1 Datasheet
99Kb / 1P
TOUCH CONTROL SPACER
logo
Mallory performance clu...
PN8728 MALLORY-PN8728 Datasheet
369Kb / 8P
Soft Touch Rev Control
PN87286 MALLORY-PN87286 Datasheet
98Kb / 2P
Soft Touch Rev Control for Dirt Motorsports Racing Series
logo
Skyworks Solutions Inc.
AAT2120 SKYWORKS-AAT2120 Datasheet
1Mb / 19P
Soft-Start Control
logo
Mallory performance clu...
8727CT MALLORY-8727CT Datasheet
152Kb / 2P
Digital Soft-Touch HEI Rev Limiter
logo
Shenzhen Huazhimei Semi...
HM233D HMSEMI-HM233D Datasheet
660Kb / 8P
Single touch control chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com