Electronic Components Datasheet Search
  English  ▼

X  

8733 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8733
Description  MSD 2-Step Launch Control for GM LS Series Engines
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8733 Datasheet(HTML) 1 Page - Mallory performance club

  8733 Datasheet HTML 1Page - Mallory performance club 8733 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSD 2-Step Launch Control
for GM LS Series Engines
PN 8733
Note: The 2-Step Launch Control is designed as a momentary low-rpm limiter. It will not provide nor
modify any overrev protection.
This MSD 2-Step Launch Control is designed for GM LS Series Engines with Coil-per-Cylinder ignitions.
It can be used with 24x or 58x trigger wheels. The 2-Step Control will provide consistent launches and
quick 60-foot times. RPM adjustments are made via two rotary switches located on the harness side of
the unit. The adjustment range is from 1,000 - 10,900 rpm, in 100 and 1000 rpm increments. The LED will
illuminate when the launch rev limit is active.
Note: It is recommended to have the service manual for your vehicle.
Note: The engine rpm must drop more than one third of the set launch limit in order to activate. For
example, if the launch limit is set at 3,000 rpm, the engine speed must drop below 2,000 rpm
in order for the launch limit to become active (one third of 3,000 rpm is a 1,000 rpm drop).
Caution: Keeping the engine on a lower rpm limit may cause the Check Engine light to come on
and could potentially damage the catalytic converter.
BLUE
When grounded, the launch feature will be active.
WHITE/BLUE
When switched to 12 volts, the launch feature will be active.
ACTIVATION WIRES
LED
The built-in LED will illuminate when the 2-Step Launch Control is activated.
CONNECT THE ACTIVATION WIRE
The launch rpm limit can be activated through a ground or a 12 volt source.
Ground: Switch the Blue wire to ground to activate the launch limit.
12 volts: Connect the White/Blue wire to 12 volts to activate the launch limit.
Parts Included:
1 - 2-Step Launch Control
1 - 1-Pin Wire Harnesses
The LS 2-Step has a built-in rpm drop circuit that prevents the low rpm limit from activating during
gear shifts (when connected through the clutch switch). In order for the limit to activate, it must see
an rpm drop of more than 1/3 the set amount. For example, if the limit is set at 3,000 rpm, the limiter
will not activate unless it sees more than a 1,000 rpm drop.
MOUNTING
The 2-Step Control can be mounted in any position but keep in mind to mount it so the rotary dials
are accessible for adjustments. Hardware is supplied for mounting. Before mounting the unit, con-
firm that the wiring harnesses reach their connections.
Connect the two main harnesses between the main coil connectors. (The connectors are interchangable.)
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 8733

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
8733 KEYSTONE-8733 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Renesas Technology Corp
87332AMI-01LF RENESAS-87332AMI-01LF Datasheet
531Kb / 15P
÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
87332AMI-01LFT RENESAS-87332AMI-01LFT Datasheet
531Kb / 15P
÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
87332I-01 RENESAS-87332I-01 Datasheet
531Kb / 15P
÷2, Differential-to-2.5V/3.3V ECL/LVPECL Clock Generator
2/12/15
logo
Integrated Device Techn...
87339AGI-11LF IDT-87339AGI-11LF Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
More results

Similar Description - 8733

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN6012 MALLORY-PN6012 Datasheet
467Kb / 8P
MSD 6LS-2 Ignition Controller for Carbureted and EFI LS 2/LS 7 Engines
PN7751 MALLORY-PN7751 Datasheet
186Kb / 2P
MSD Manual Launch Control
PN8731 MALLORY-PN8731 Datasheet
432Kb / 4P
MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PN8733 MALLORY-PN8733 Datasheet
107Kb / 2P
MSD 2-Step Launch Control for GM LS Series Engines
PN8735 MALLORY-PN8735 Datasheet
270Kb / 2P
MSD Launch Control
PN6014 MALLORY-PN6014 Datasheet
1Mb / 12P
MSD LS Ignition Control
8731 MALLORY-8731 Datasheet
432Kb / 4P
MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
8734 MALLORY-8734 Datasheet
157Kb / 4P
MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
8735 MALLORY-8735 Datasheet
270Kb / 2P
MSD Launch Control
6012 MALLORY-6012 Datasheet
467Kb / 8P
MSD 6LS-2 Ignition Controller for Carbureted and EFI LS 2/LS 7 Engines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com