Electronic Components Datasheet Search
  English  ▼

X  

8734 Datasheet(PDF) 3 Page - Mallory performance club

Part # 8734
Description  MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8734 Datasheet(HTML) 3 Page - Mallory performance club

  8734 Datasheet HTML 1Page - Mallory performance club 8734 Datasheet HTML 2Page - Mallory performance club 8734 Datasheet HTML 3Page - Mallory performance club 8734 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
INSTALLATION INSTRUCTIONS
3
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
CONNECT THE ACTIVATION WIRE
The launch rpm limit can be activated through a ground or a 12 volt source.
Ground: Switch the Blue wire to ground to activate the launch limit.
12 volts: Connect the White/Blue wire to 12 volts to activate the launch limit.
CONFIRM INSTALLATION
With the power On, engine running, activate the clutch or On/Off switch. If connected correct, the LED will
illuminate when the clutch is activated. To verify the rpm, set the limit at a lower rpm, such as 3,000, and
test the system.
If the engine has trouble starting or running. check the following:
• Ground or switched 12 volts connection
• Coil connections
• The two 8-pin connectors may be in the wrong position and should be swapped and tested again.
GROUND
ACTIVATION
WIRES
WHITE BLUE
BLUE
ACTIVATES
WITH 12 VOLTS
OR GROUND
TAN
RED
BLACK
GRAY
NOTE: IF THE LED DOESN'T TURN ON, AS
DETAILED IN STEP 5, FOLLOW THIS
DIAGRAM.
OR
NOTE: DO NOT USE THE BLUE AND BLUE/WHITE
WIRES AT THE SAME TIME.
BLUE - ACTIVATED WHEN GROUND
WHITE/BLUE - ACTIVATED W/12 VOLTS
Figure 2 Alternate Wiring.
Figure 3 Wiring the Launch Activation Wire.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com