Electronic Components Datasheet Search
  English  ▼

X  

8735 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8735
Description  MSD Launch Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8735 Datasheet(HTML) 1 Page - Mallory performance club

  8735 Datasheet HTML 1Page - Mallory performance club 8735 Datasheet HTML 2Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSD Launch Control
PN 8735
IMPORTANT: Read these instructions completely before attempting the installation.
Parts Included:
1 - Launch Control
4 - Mounting Screws
WARNING: During installation, disconnect the battery cables. When disconnecting the battery,
always remove the Negative cable first and install it last.
The MSD Launch Control allows you to select
three different rpm limits. Two limits, the race
and burnout, are adjusted with plug-in modules.
The launch (or holeshot) limit is adjusted with
the two rotary switches (Figure 1).
The launch and burnout limits are activated when
12 volts are supplied to their corresponding
activation wires. When neither limit is activated,
the overrev limit is active.
It is recommended to mount the Launch
Control within easy reach of the driver so last
minute adjustments can be made to the launch
rpm setting. Also, make sure the wiring reaches
the MSD Ignition. Mark the location of the mounting holes, then drill the holes using an 1/8” bit. Use
the supplied mounting screws to secure the Control.
Wire FuNCtioNS
M S D I G N I T I O N • www.msdignition.com • (915) 857-5200 • FAX (915) 857-3344
ACTIVATION WIRES
Launch Module Activation Wire. When 12 volts are applied, the launch circuit is
activated.
Note: This circuit overrides the other modules.
Burnout Activation Wire. When 12 volts are applied, this module (Burnout) is
activated.
Connect to Ground on the MSD Ignition.
2-PIN MODULE HARNESS
Connects to Switched 12 volts, such as the IGN terminal on MSD 7 Series.
BLUE
RED
BARE WIRE
RED
This connector plugs into the rpm module socket of an MSD Ignition or Rev
Control.
Note: The Control will only operate when this is installed one way. It is
correct when the LED on the Control lights when the ignition is turned On. If the
LED does not come on, turn the 2-Pin connector around and try again.
2-PIN
Figure 1 Module Controls and Adjustments.


Similar Part No. - 8735

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8735 BELDEN-8735 Datasheet
156Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
logo
Christian Bürkert GmbH ...
8735 BURKERT-8735 Datasheet
750Kb / 11P
Multi-channel mass flow controller (MFC) / meter (MFM) for gases
22.12.2023
logo
Belden Inc.
8735-0601000 BELDEN-8735-0601000 Datasheet
156Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
8735-060500 BELDEN-8735-060500 Datasheet
156Kb / 2P
Electronic, 3 C #22 Str TC, PVC Ins, OA TC Brd, PVC Jkt, CMG
01-20-2023
logo
Integrated Device Techn...
8735-31 IDT-8735-31 Datasheet
350Kb / 21P
Selectable differential clock inputs
More results

Similar Description - 8735

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN4350 MALLORY-PN4350 Datasheet
763Kb / 4P
MSD Powersports Launch Master
PN7551 MALLORY-PN7551 Datasheet
262Kb / 1P
Manual Launch Control
PN7751 MALLORY-PN7751 Datasheet
186Kb / 2P
MSD Manual Launch Control
PN8731 MALLORY-PN8731 Datasheet
432Kb / 4P
MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
PN8733 MALLORY-PN8733 Datasheet
107Kb / 2P
MSD 2-Step Launch Control for GM LS Series Engines
PN8734 MALLORY-PN8734 Datasheet
157Kb / 4P
MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
PN8735 MALLORY-PN8735 Datasheet
270Kb / 2P
MSD Launch Control
8731 MALLORY-8731 Datasheet
432Kb / 4P
MSD 2-Step Launch Control for Ford 5.0L Mod Motors 2011
8733 MALLORY-8733 Datasheet
107Kb / 2P
MSD 2-Step Launch Control for GM LS Series Engines
8734 MALLORY-8734 Datasheet
157Kb / 4P
MSD 2-Step Launch Control for Ford 4.6L/5.4L Mod Motors 99-On
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com