Electronic Components Datasheet Search
  English  ▼

X  

8987 Datasheet(PDF) 1 Page - Mallory performance club

Part # 8987
Description  Start and Step Retard Control
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

8987 Datasheet(HTML) 1 Page - Mallory performance club

  8987 Datasheet HTML 1Page - Mallory performance club 8987 Datasheet HTML 2Page - Mallory performance club 8987 Datasheet HTML 3Page - Mallory performance club 8987 Datasheet HTML 4Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Figure 1
Parts Included:
1 – Control
4 – Mounting Screws
WARNING: During installation, disconnect the battery cables. When disconnecting the
battery, always remove the negative cable first and install it last.
Note: Must be used with an MSD Ignition.
OPERATION
The Start and Step Retard provides two retard
features; a start retard and a step retard. The
Control can be connected to distributors using
a magnetic pickup, amplifier or breaker point. It
is recommended that the centrifugal advance
of the distributor be locked-out. The amount
of retard is selected with the two rotary dials
(Figure 1).
Start Retard: The Start Retard is adjusted with the
rotary dial on the left. It is adjustable in 5° increments
for 4, 6 or 8-cylinder engines from 0°-20° The
number of cylinders must be selected, even when
no start retard will be used. Simply rotate to dial to
the desired position.
The Start Retard is activated as soon as the engine
begins to crank. Between 400 and 600 rpm, the
timing begins to ramp back to zero retard (your total
timing setting). The start retard will not activate again until the engine rpm drops to 400 rpm (the timing will
also ramp on again between 600-400 rpm).
Step Retard: The Step Retard is adjusted with the dial on the right. The retard is adjustable from 0°-
15° in one degree increments. The Step Retard is activated by the Pink wire. When the Pink wire is
connected to 12 volts, the retard is activated. The most common application is to splice the Pink wire
into the activation trigger wire of a nitrous system. That way, the retard is activated with the nitrous.
The Controller also has a very accurate magnetic pickup compensation circuit built-in and will hold
the timing steady throughout the entire rpm range of the engine. This is why there will be a 4° change
in the engine timing when the Control is installed.
Important: After installation the engine’s mechanical timing must be checked and reset.
6-CYLINDER
ENGINE
4-CYLINDER
ENGINE
ZERO
STEP RETARD
8-CYLINDER
ENGINE
M S D   •   W W W . M S D P E R F O R M A N C E . C O M   •   ( 9 1 5 )   8 5 7 - 5 2 0 0   •   F A X   ( 9 1 5 )   8 5 7 - 3 3 4 4
ONLINE PRODUCT REGISTRATION: Register your MSD product online and you’ll be entered
in our monthly 8.5mm Super Conductor Spark Plug Wire give-away! Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.
Start and Step Retard Control
PN 8987


Similar Part No. - 8987

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8987 FESTO-8987 Datasheet
85Kb / 1P
Hand lever valve
4/10/22
logo
pro-elec
89874 PRO-ELEC-89874 Datasheet
193Kb / 1P
LED Torch
V1.0 21/04/17
More results

Similar Description - 8987

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
678 MALLORY-678 Datasheet
125Kb / 4P
4-STAGE RETARD CONTROL
logo
Linear Technology
LTC3105 LINER-LTC3105 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Mallory performance clu...
678 MALLORY-678_14 Datasheet
136Kb / 4P
4-STAGE RETARD CONTROL
logo
Linear Technology
LTC3105 LINER-LTC3105_15 Datasheet
1Mb / 18P
400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
logo
Mallory performance clu...
PN8987 MALLORY-PN8987 Datasheet
420Kb / 4P
Start and Step Retard Control
PN8970 MALLORY-PN8970 Datasheet
814Kb / 8P
3-Stage Retard
PN8975 MALLORY-PN8975 Datasheet
1Mb / 8P
MSD Digital Retard Control
logo
Skyworks Solutions Inc.
AAT2120 SKYWORKS-AAT2120 Datasheet
1Mb / 19P
Soft-Start Control
logo
STMicroelectronics
L6732C STMICROELECTRONICS-L6732C Datasheet
898Kb / 32P
Soft-start and inhibit
29-May-2006
logo
Dialog Semiconductor
SLG59M1717V DIALOG-SLG59M1717V Datasheet
526Kb / 22P
Capacitor adjustable Start-up and In-rush Current Control
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com