Electronic Components Datasheet Search
  English  ▼

X  

83503 Datasheet(PDF) 2 Page - Mallory performance club

Part # 83503
Description  MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

83503 Datasheet(HTML) 2 Page - Mallory performance club

  83503 Datasheet HTML 1Page - Mallory performance club 83503 Datasheet HTML 2Page - Mallory performance club 83503 Datasheet HTML 3Page - Mallory performance club 83503 Datasheet HTML 4Page - Mallory performance club 83503 Datasheet HTML 5Page - Mallory performance club 83503 Datasheet HTML 6Page - Mallory performance club 83503 Datasheet HTML 7Page - Mallory performance club 83503 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
INSTALLATION INSTRUCTIONS
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 7 -5 2 0 0 • F AX ( 9 15 ) 8 57 - 33 4 4
Rev Limiter: The Ready-to-Run Distributor has a built-in rev limit that can easily be adjusted from 2,000
rpm to over 10,000 rpm. The default is 10,000 rpm. To set the rev limiter, run the engine to half
the desired rpm then ground the Gray Tach wire (a jumper is supplied) for approximately one
second. Every time the key is turned to the On position, the tach will display the programmed
rpm limit. See page 8 for the programming procedure.
CHOOSING AN ADVANCE CURVE
The function of the advance curve is to match the ignition timing to the burning rate of the fuel and
speed (rpm) of the engine. Any factor that changes the burning rate of the fuel or the engine speed
can cause a need for an ignition timing change. Figure 1 shows some of the factors that will affect
engine timing.
FACTOR
Advance Timing
Retard Timing
For
For
Cylinder Pressure
Low
High
Vacuum
High
Low
Energy of Ignition
Low
High
Fuel Octane
High
Low
Mixture (Air/Fuel)
Rich
Lean
Temperature
Cool
Hot
Combustion Chamber Shape
Open
Compact
Spark Plug Location
Offset
Center
Combustion Turbulence
Low
High
Load
Light
Heavy
Figure 1 Ignition Timing Factors.
As you can see from the chart, most factors will change throughout the range of the engine operation.
The timing mechanism of the distributor must make timing changes based on these factors.
Example: An engine has 11:1 compression with a high energy ignition. With the specifications given,
you will have to retard the timing for the high compression and high energy ignition. By comparing
the engine’s specifications against the chart, a usable timing guideline can be found. Engines with
a combination of items from both columns will require a timing that is set in the mid range.
Obviously a full technical explanation of correct ignition timing would be very complicated. The best
way to arrive at a suitable ignition curve for your engine is to use the Ignition Timing Factors Chart
as a guide and compare it to the Advance Graphs in Figure 4 until a suitable curve is found. When
selecting your advance curve, use detonation (engine ping) as an indicator of too much advance,
and a decrease in power as an indicator of too little advance.
TIPS ON SELECTING AN ADVANCE CURVE
• Use as much initial advance as possible without encountering excessive starter load.
• Start the centrifugal advance just above the idle rpm.
• The starting point of the centrifugal advance curve is controlled by the installed length and
tension of the spring.
• How quickly the centrifugal advance (slope) comes in is controlled by the spring stiffness. The
stiffer the spring, the slower the advance curve.
• The amount of advance is controlled by the advance bushing. The bigger the bushing, the
smaller the amount of advance.
CENTRIFUGAL ADVANCE CURVE
SELECTING THE ADVANCE SPRINGS
The rate, or how quick the advance comes in is determined by the type of springs which are installed
on the distributor. The MSD distributors are equipped with two Heavy Silver springs installed. These



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com