| Electronic Components Datasheet Search |
|
83613 Datasheet(PDF) 2 Page - Mallory performance club |
|
|
|||||||||||||||||||||||||||||
83613 Datasheet(HTML) 2 Page - Mallory performance club |
|
2 / 8 page ![]() 2 INSTALLATION INSTRUCTIONS MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344 CHOOSING AN ADVANCE CURVE The function of the advance curve is to match the ignition timing to the burning rate of the fuel and speed (rpm) of the engine. Any factor that changes the burning rate of the fuel or the engine speed can cause a need for an ignition timing change. Figure 1 shows some of the factors that will affect engine timing. FACTOR Advance Timing Retard Timing For For Cylinder Pressure Low High Vacuum High Low Energy of Ignition Low High Fuel Octane High Low Mixture (Air/Fuel) Rich Lean Temperature Cool Hot Combustion Chamber Shape Open Compact Spark Plug Location Offset Center Combustion Turbulence Low High Load Light Heavy Figure 1 Ignition Timing Factors. As you can see from the chart, most factors will change throughout the range of the engine operation. The timing mechanism of the distributor must make timing changes based on these factors. Example: An engine has 11:1 compression with a high energy ignition. With the specifications given, you will have to retard the timing for the high compression and high energy ignition. By comparing the engine’s specifications against the chart, a usable timing guideline can be found. Engines with a combination of items from both columns will require a timing that is set in the mid range. Obviously a full technical explanation of correct ignition timing would be very complicated. The best way to arrive at a suitable ignition curve for your engine is to use the Ignition Timing Factors Chart as a guide and compare it to the Advance Graphs in Figure 4 until a suitable curve is found. When selecting your advance curve, use detonation (engine ping) as an indicator of too much advance, and a decrease in power as an indicator of too little advance. TIPS ON SELECTING AN ADVANCE CURVE • Use as much initial advance as possible without encountering excessive starter load. • Start the centrifugal advance just above the idle rpm. • The starting point of the centrifugal advance curve is controlled by the installed length and tension of the spring. • How quickly the centrifugal advance (slope) comes in is controlled by the spring stiffness. The stiffer the spring, the slower the advance curve. • The amount of advance is controlled by the advance bushing. The bigger the bushing, the smaller the amount of advance. CENTRIFUGAL ADVANCE CURVE SELECTING THE ADVANCE SPRINGS The rate, or how quick the advance comes in is determined by the type of springs which are installed on the distributor. The MSD distributors are equipped with two Heavy Silver springs installed. These will give you the slowest advance curve possible (Figure 2). The parts kit contains two additional sets of springs which can be used to match the advance curve to your particular application. Refer to the Spring Combination Chart (Figure 3) for combinations that can be achieved. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |