Electronic Components Datasheet Search
  English  ▼

X  

85555 Datasheet(PDF) 5 Page - Mallory performance club

Part # 85555
Description  MSD Pro-Billet Chevrolet V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

85555 Datasheet(HTML) 5 Page - Mallory performance club

  85555 Datasheet HTML 1Page - Mallory performance club 85555 Datasheet HTML 2Page - Mallory performance club 85555 Datasheet HTML 3Page - Mallory performance club 85555 Datasheet HTML 4Page - Mallory performance club 85555 Datasheet HTML 5Page - Mallory performance club 85555 Datasheet HTML 6Page - Mallory performance club 85555 Datasheet HTML 7Page - Mallory performance club 85555 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INSTALLATION INSTRUCTIONS
5
MSD • WWW .MSDPERFORMANCE.COM • (915) 857-5200 • F AX (915) 857-3344
1. Remove the existing distributor cap without
disconnecting any of the spark plug wires.
2. With the cap off, crank the engine until the
rotor is aimed at a fixed point on the engine
or firewall. Note this position by making a
mark (Figure 8).
3. Place the distributor cap back on and note
which plug wire the rotor is pointing to. MARK
THE SPARK PLUG WIRES and remove the
distributor cap.
4. Disconnect the wiring from the distributor.
5. Loosen the distributor hold down clamp and
slide the clamp out of the way.
6. Lift the distributor out of the engine. Note that
the rotor rotates as you lift the distributor out.
This is due to the helical cut gear and should
be taken into consideration when installing
the new distributor.
7. Install the gasket and apply a liberal amount of
the supplied lubricant to the distributor gear.
(The supplied O-rings can
only be used if the
block has been modified as shown in Figure
9.)
8. Install the distributor making sure that the
rotor comes to rest pointing at the fixed mark.
If the distributor will not fully seat with the
rotor pointing to the marked position, you
may need to rotate the oil pump shaft until the
rotor lines up and the distributor fully seats.
9. Position and tighten the hold down clamp
onto the distributor.
10. Install the distributor cap and spark plug wires
one at a time to ensure correct location. A
wire retainer is supplied to secure the wires
in place. Align the mounting bosses and use
the supplied 1.5" self-tapping Phillips screws
to hold the retainer in place.
Figure 8 Marking the Rotor Location.
INSTALLING THE DISTRIBUTOR
Figure 9 Modified Block for use with O-Rings.
Figure 10 Optional Installation by Bolting Cap Down.
Installation Option: This Cap can also be
bolted down to an MSD Pro-Billet or Billet
Distributor base with the supplied hardware.
To accomplish this, the spring clips must be
cut off (Figure 10).
Note: When the cap is bolted down, the
location of the spark plug wires must
be changed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com