Electronic Components Datasheet Search
  English  ▼

X  

85773 Datasheet(PDF) 1 Page - Mallory performance club

Part # 85773
Description  MSD Pro-Billet Small Diameter Ford V8 Distributor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

85773 Datasheet(HTML) 1 Page - Mallory performance club

  85773 Datasheet HTML 1Page - Mallory performance club 85773 Datasheet HTML 2Page - Mallory performance club 85773 Datasheet HTML 3Page - Mallory performance club 85773 Datasheet HTML 4Page - Mallory performance club 85773 Datasheet HTML 5Page - Mallory performance club 85773 Datasheet HTML 6Page - Mallory performance club 85773 Datasheet HTML 7Page - Mallory performance club 85773 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSD Pro-Billet Small Diameter
Ford V8 Distributor
PN 8577/85773; 351C-460, PN 8578/85783; 351W
PN 8579/85793; 302
WARNING: Before installing the MSD Distributor, disconnect the battery cables. When discon-
necting the battery cables, always remove the Negative (-) cable first and install it
last.
1 - O-Ring Seal
1 - Tube of Gear Lubricant
1 - Parts Bag
Important: Read these instructions before attempting the installation.
Parts Included:
1 - Pro-Billet Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, Red PN 8431 or Black PN 84313
1 - Advance Kit
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 7 -5 2 0 0 • F AX ( 9 15 ) 8 57 - 33 4 4
Note: The terminals of this Distributor require spark plug style terminals. You may need to change
the terminals and boots of your wires. MSD offers two kits, PN 8849 or PN 8848 that are supplied
with nine boots and terminals.
TIMING FUNCTIONS
Before continuing with the installation, here are a few definitions you should be aware of:
Initial Timing: This is the base timing (also referred to as idle timing) of the engine before the
centrifugal advance begins.
Centrifugal Advance: The centrifugal (or mechanical) advance mechanism is made up of weights,
springs, advance cams, and an advance stop bushing. The amount and rate of advance that your
distributor is capable of is determined by the centrifugal timing. If you ever wish to lock out the
centrifugal advance, refer to the centrifugal advance section.
Total Timing: This is the total of the initial timing plus the centrifugal advance added together.
Example: 10° Initial + 25° centrifugal = 35° Total Timing. (When checking Total timing, disconnect
the vacuum canister and plug the vacuum source.)
Note: MSD Distributors are supplied with the heavy (slow) advance springs installed. This is to prevent
detonation in certain applications. Review the information on pages 2-4 to determine the best
advance curve for your application.
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - 85773

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8577 FILTRAN-8577 Datasheet
176Kb / 2P
Chokes Data Communication Circuits
logo
API Technologies Corp
8577 APITECH-8577 Datasheet
1Mb / 2P
Data Communication Circuits
logo
AVX Corporation
8577 AVX-8577 Datasheet
192Kb / 6P
Female Style 1/2 R High Temperature
More results

Similar Description - 85773

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8350 MALLORY-PN8350 Datasheet
632Kb / 8P
MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN8477 MALLORY-PN8477 Datasheet
366Kb / 8P
MSD Pro-Billet Small Diameter Street Ford V8 Distributor
PN8577 MALLORY-PN8577 Datasheet
394Kb / 8P
MSD Pro-Billet Small Diameter Ford V8 Distributor
PN83501 MALLORY-PN83501 Datasheet
632Kb / 8P
MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN84791 MALLORY-PN84791 Datasheet
366Kb / 8P
MSD Pro-Billet Small Diameter Street Ford V8 Distributor
PN8579 MALLORY-PN8579 Datasheet
394Kb / 8P
MSD Pro-Billet Small Diameter Ford V8 Distributor
PN83503 MALLORY-PN83503 Datasheet
625Kb / 8P
MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
85783 MALLORY-85783 Datasheet
389Kb / 8P
MSD Pro-Billet Small Diameter Ford V8 Distributor
85793 MALLORY-85793 Datasheet
389Kb / 8P
MSD Pro-Billet Small Diameter Ford V8 Distributor
PN85773 MALLORY-PN85773 Datasheet
389Kb / 8P
MSD Pro-Billet Small Diameter Ford V8 Distributo
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com