Electronic Components Datasheet Search
  English  ▼

X  

74LVC162245APVG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 74LVC162245APVG
Description  3.3V CMOS 16-BIT BUS TRANSCEIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

74LVC162245APVG Datasheet(HTML) 6 Page - Integrated Device Technology

  74LVC162245APVG Datasheet HTML 1Page - Integrated Device Technology 74LVC162245APVG Datasheet HTML 2Page - Integrated Device Technology 74LVC162245APVG Datasheet HTML 3Page - Integrated Device Technology 74LVC162245APVG Datasheet HTML 4Page - Integrated Device Technology 74LVC162245APVG Datasheet HTML 5Page - Integrated Device Technology 74LVC162245APVG Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74LVC162245A
3.3V CMOS 16-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
ORDERING INFORMATION
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
PVG
PAG
74
Shrink Small Outline Package - Green
Thin Shrink Small Outline Package - Green
-40°C to +85°C
XXX
Family
Bus-Hold
245A
No Bus-hold
Blank
X
Blank
8
Tube or Tray
Tape and Reel
162
Double-Density 3.3Volt with Resistors, ±12mA (A Port)
±24mA (B Port)
16-Bit Bus Transceiver
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
DATASHEETDOCUMENTHISTORY
08/20/2015
Pg. 6
Updated the ordering information by removing TSSOP, non RoHS parts and adding Tape and Reel information.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com