Electronic Components Datasheet Search
  English  ▼

X  

NPP-301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NPP-301
Description  NPP-301 Series Surface Mount Pressure Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NPP-301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NPP-301 Datasheet HTML 1Page - List of Unclassifed Manufacturers NPP-301 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GE Novasensor
1055 Mission Court,
Fremont, California 94539
www.novasensor.com
Toll Free: 800-962-7364
Tel: 510-661-6000
Fax: 510-770-0645
ATTENTION
Static-Sensitive
Devices
Parameter
Value
Units
Notes
General
Pressure Range
100
kPa
≈ 15 psi
200
kPa
≈ 30 psi
700
kPa
≈ 100 psi
Maximum Pressure
3 x
rated pressure
Electrical @ 25°C (77°F) unless otherwise stated
Excitation
3.0
V
10VDC max.
Input Impedance
5,000 ± 20%
Ω
Output Impedance
5,000 ± 20%
Ω
Environmental
Electrostatic Damage (ESD)
Class 1
Operating Temperature Range
–40 to +125
°C
–40° to +257°F
Mechanical(1)
Weight
≈ 0.10
grams
Media Compatibility
Clean, dry air and noncorrosive gases
Parameter
Units
Min.
Typ.
Max.
Notes
Performance Parameters (Note 2)
Offset
mV/V
±10
Full Scale Output
mV
60 ±20
Linearity
%FSO
±0.20
3
Hysteresis and Repeatability
%FSO
0.1
Thermal Coefficient of Zero
%FSO/°C
0.04
4
Thermal Coefficient of Resistance
%/°C
+0.3
4
Thermal Coefficient of Sensitivity
%FSO/°C
–0.2
4
Thermal Hysteresis of Zero
%FSO
0.1
5
Long-Term Stability of FSO
%FSO
0.2
6
Notes: 1. Standard IC industry bake operations should be used prior to surface mount operations. Consult factory for further information.
2. Values measured at 3VDC and 22°C, unless otherwise noted. 3. Best fit straight line. 4. Typical coefficients, between 0° and +70°C.
5. 0° to 70°C. 6. Typical value over one year.
Specifications
g
GE NovaSensor
SM0025 Rev. F
04/03
NPP-301 Series
Surface Mount Pressure Sensor
Sales Terms:
GE NovaSensor standard sales terms apply.
Prices and specifications are subject to change without notice.
Warranty:
GE NovaSensor warrants its products against defects in material and workmanship for
12 months from the date of shipment. Products not subjected to misuse will be repaired
or replaced. GE NovaSensor reserves the right to make changes without further notice to
any products herein. NovaSensor makes no warranty, representation or guarantee
regarding the suitability of its products for any particular application, nor does GE
NovaSensor assume any liability arising out of the application or use of any product or
circuit and specifically disclaims and all liability without limitation consequential or inci-
dental damages. The foregoing warranties are exclusive and in lieu of all other war-
ranties, whether written, oral, implied or statutory. NO IMPLIED STATUTORY WARRANTY
OF MERCHANTABILITY OR FITNESS FOR PARTICULAR PURPOSE SHALL APPLY.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com