Electronic Components Datasheet Search
  English  ▼

X  

OC160 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OC160
Description  Oven Controlled Crystal Oscillators (OCXO?셲)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OC160 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OC160 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC160 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Outline Drawing
Oven Controlled Crystal Oscillators (OCXO’s)
OC-160 Series (CO-734C/738CS)
Ordering Information
OC
Temperature Stability
B-308 = ±3x10-8 over 0°C to +50oC
B-109 = ±1x10-9 over 0°C to +50oC
D-508 = ±5x10-8 over -20°C to +70oC
D-509 = ±5x10-9 over -20°C to +50oC
F-107 = ±1x10-7 over -40°C to +85oC
F-108 = ±1x10-8 over -40°C to +85oC
Frequency
160
J
A
D
508
C
A
10
Product Family
OC = OCXO
Package
160 = 35.3x26.9 mm
Supply Voltage
A = 15V ±5%
B = 12V ±5%
C =5V ±5%
Output
A = HCMOS (100K // 10 pF load)
J = Sinewave
>+7 dBm/50 ohm
K = Sinewave >+10 dBm/50 ohm
L = Sinewave >+13 dBm/50 ohm
MHz
Aging
A = 1 x 10-8/day (2x10-6/year)
B = 3 x 10-9/day (1x10-6/year)
C = 1 x 10-9/day (3x10-7/year)
D = 5 x 10-10/day (1x10-7/year)
Electrical Frequency Adust
A: Electrical frequency adjust
(standard)
F: Fixed frequency, no frequency
adjustment. Accuracy
@ +25°C is ± 0.5 ppm
Pin
Function
1
Electrical Frequency Adjustment
2
N/C or Reference Voltage Output
3
Supply (+)
4
Output
5
GND
Pin Out Information
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Note: Pin numbers are for reference only, and may
not appear on unit.
4
3
5
2
1
(.76)
Dia
5 Places
STANDOFFS
(4 PLACES)
PIN NUMBERS ARE FOR
REFERENCE ONLY.
THEY DO NOT APPEAR
ON THE UNIT.
19.30 max
(1.000)
25.400
(.700)
17.780
(1.07)
27.18 max
(1.42)
36.07 max
(.11)
2.79 min
(in.)
mm
(.025)
.635
(.031)
.787
47
OCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 47



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com