Electronic Components Datasheet Search
  English  ▼

X  

OC260 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OC260
Description  Oven Controlled Crystal Oscillators (OCXOs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OC260 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OC260 Datasheet HTML 1Page - List of Unclassifed Manufacturers OC260 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Oven Controlled Crystal Oscillators (OCXO’s)
OC-260 Series (CO-760)
Description:
The OC-260 Series OCXO offers excellent temperature stability
and aging in a 1” x 1” x 0.52” package.
Features:
• Frequencies: 5, 10, 12.8, 13, 16.384, 19.44, 20, 20.48 MHz
• Stabilities: As low as +1 x 10-8
• Temperature Range: As wide as -40oC to +85oC
• Package: 1.0” x 1.0” x 0.52”
• Output: HCMOS, Sinewave
• Supply Voltage: 5 Volts or 3.3 Volts
Performance Characteristics
Standard Frequencies:
5.0, 10.0, 12.8, 13.0, 16.384, 19.44, 20.0, 20.48 MHz.
Available from 1 to 80 MHz.
Package Size:
25.7 x 25.7x 13.2 mm (1.0” x 1.0” x 0.52”)
Supply Voltage:
C=5 Vdc ±5%
D=3.3 Vdc ±5% (HCMOS output only)
Input Power (steady state):
<1.5W @ +25oC (-20°C / +70°C)
Input Power (turn-on):
<3W (-20°C/+70°C)
Output Type:
A: HCMOS
J: Sinewave; +7 dBm into 50 ohm (+5V supply only)
Output Level:
5 V: “0” <0.5 V, “1” >4.5 V
3.3 V: “0” <0.3 V, “1” >3.0 V
(HCMOS output)
Rise/Fall Time tr/tf:
<10 ns (10% - 90%, HCMOS)
Symmetry (Duty/Cycle):
50/50 +10% (@50% Vdd, HCMOS)
Harmonics/subs:
-20 dBc (for sinewave output)
Temperature Stability:
B-208: ±2 x 10-8 over 0/50°C
B-107: ±1 x 10-7 over 0/50°C
D-408: ±4 x 10-8 over -20/70°C
D-107: ±1 x 10-7 over -20/70°C
F-107: ±1 x 10-7 over -40/85°C
F-207: ±2 x 10-7 over -40/85°C
Note: Tighter stability options are available - contact factory.
Aging:
A: 1 x 10-8/day, 2x10-6/year
C: 1 x 10-9/day, 3x10-7/year
B: 3 x 10-9/day, 1x10-6/year
Short Term Stability (Allan Deviation): 5 x 10-11/second (with aging A or B)
1 x 10-11/second (with aging C)
Phase Noise:
-110 dBc/Hz @ 10 Hz
-150 dBc/Hz @ 10 kHz
(typical @ 10 MHz)
-130 dBc/Hz @ 100 Hz
-150 dBc/Hz @ 50 kHz
-145 dBc/Hz @ 1 kHz
Frequency vs. Supply:
5 x 10-9/percent (with Aging A or B);
2 x 10-9/percent (with Aging C)
Electrical Frequency Adjust:
10 x 10-6 typical range (with Aging A or B)
2 x 10-6 typical range (with Aging C)
Mechanical Configuration:
Pins for PCB mounting
Parameter
Characteristics
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
42
8798_AA's Vectron
05/30/02
3:11 PM
Page 42


Similar Part No. - OC260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC26 ETC-OC26 Datasheet
169Kb / 1P
GERMANIUM NPN LOW POWER TRANSISTORS
More results

Similar Description - OC260

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OC-290 VECTRON-OC-290 Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillators
OC-050 VECTRON-OC-050 Datasheet
53Kb / 1P
Oven Controlled Crystal Oscillators
OC-260 VECTRON-OC-260 Datasheet
91Kb / 2P
Oven Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
OCVCXO-177A KSS-OCVCXO-177A Datasheet
419Kb / 1P
Oven Controlled Crystal Oscillators
logo
BOWEI Integrated Circui...
OX36D-H-MR-V@10M BOWEI-OX36D-H-MR-V@10M Datasheet
202Kb / 1P
Oven Controlled Crystal Oscillators
OX20 BOWEI-OX20 Datasheet
283Kb / 1P
Oven Controlled Crystal Oscillators
OX12 BOWEI-OX12 Datasheet
87Kb / 1P
Oven Controlled Crystal Oscillators
logo
Abracon Corporation
AOCJYR-10.000MHZ-M5625LF ABRACON-AOCJYR-10.000MHZ-M5625LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.18.14
AOCJYR-20.000MHZ-M5627LF ABRACON-AOCJYR-20.000MHZ-M5627LF Datasheet
3Mb / 4P
Oven Controlled Crystal Oscillators
08.19.14
AOCJYR-24.576MHZ-M6069LF ABRACON-AOCJYR-24.576MHZ-M6069LF Datasheet
2Mb / 4P
Oven Controlled Crystal Oscillators
08.20.14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com