Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN64 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT90CAN64
Description  Automotive and Transportation Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN64 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT90CAN64 Datasheet HTML 1Page - ATMEL Corporation AT90CAN64 Datasheet HTML 2Page - ATMEL Corporation AT90CAN64 Datasheet HTML 3Page - ATMEL Corporation AT90CAN64 Datasheet HTML 4Page - ATMEL Corporation AT90CAN64 Datasheet HTML 5Page - ATMEL Corporation AT90CAN64 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
O FFERING
CAN
T89C51CC02 T89C51CC01 AT89C51CC03
AT90CAN32
AT90CAN64
AT90CAN128
MIPS
up to 5
up to 5
up to 5
up to 16
up to 16
up to 16
Flash Program/Boot
16 KB/2 KB
32 KB/2 KB
(1)
64 KB/2 KB
32 KB/up to 8 KB
64 KB/up to 8 KB 128 KB/up to 8 KB
EEPROM
2 KB
2 KB
2 KB
1 KB
2 KB
4 KB
RAM
0.5 KB
1.2 KB
2.2 KB
2 KB
4 KB
4 KB
Prog. Mess. Objects
4
15
15
15
15
15
CAN
Yes
Yes
Yes
Yes
(2)
Yes
(2)
Yes
(2)
UART
Yes
Yes
Yes
Yes
(2)
Yes
(2)
Yes
(2)
SPI
–
–
Yes
Yes
Yes
Yes
JTAG
–
–
–
Yes
Yes
Yes
Power Fail Detect
–
–
Yes
Yes
Yes
Yes
16-bit Timers
0/1/2
0/1/2
0/1/2
0/1/2/3
0/1/2/3
0/1/2/3
PCA Channels
2
5
5
–
–
–
Pulse Width Modulation
2
5
5
8
8
8
10-bit ADC
8 channels
8 channels
8 channels
8 channels
8 channels
8 channels
21-bit Watchdog
Yes
Yes
Yes
Yes
Yes
Yes
UART
1
1
1
2
2
2
SPI
–
–
Yes
Yes
Yes
Yes
Two-wire Interface
–
–
–
Yes
Yes
Yes
Ports
0/1/2/3
0/1/2/3
0/1/2/3
A/B/C/D/E/F/G
A/B/C/D/E/F/G
A/B/C/D/E/F/G
Max. Frequency
60 MHz
60 MHz
60 MHz
16 MHz
16 MHz
16 MHz
Power Supply (V)
3 - 5.5
3 - 5.5
3 - 5.5
2.7 - 5.5
2.7 - 5.5
2.7 - 5.5
Temperature (°C)
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
-40 to +85
Automotive Graded Parts
-40 to +125
-40 to +125
-40 to +125
-40 to +125
Packages
SOIC24
TQFP44
TQFP44
TQFP64
TQFP64a
TQFP64
SOIC28
PLCC44
PLCC44
QFN64
QFN64
QFN64
PLCC28
BGA64
BGA64
BGA64
(3)
BGA64
(3)
BGA64
(3)
TQFP32
TQFP64
PLCC52
Availability
Now
Now
Now
1Q/06
4Q/05
Now
Memory
Self-programming
Capability
CAN Controller
On-chip
Peripherals
Available
Versions
Processing
Speed
Power
Management
(1) ROM version available
(2) Using custom bootloader
(3) Check for availability
notes: Software Master/Slave (M/S) LIN drivers available.
All products compatible with AT6660 Transciever.
Architecture
Architecture
C51



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com