Electronic Components Datasheet Search
  English  ▼

X  

SE401 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SE401
Description  USB Video Image Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SE401 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SE401 Datasheet HTML 1Page - List of Unclassifed Manufacturers SE401 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2001 EndPoints Incorporated. All rights reserved. SE401 is a trademark of EndPoints Incorporated. All other product names and trademark and/or registered
trademarks are the property of their respective owners. Revision 3.2 01/01. EndPoints Incorporated reserves the right to change specifications without notice.
Video Imager
Interface
Interfaces directly with Hyundai CIF, VGA and SVGA CMOS sensors. Other
sensors can be supported with the SE401’s flexible GPIO architecture.
Video
Compression
Engine
Includes a proprietary image compression engine with variable compression rates.
For maximum performance the compression engine supports DMA to the Frame
Buffer and on to the USB Serial Interface Engine.
16-bit Processor
The SE401 USB Video Imager Controller has a built-in 16-bit EndPoints QT
processor with its basic operating firmware in internal 6K X 16 masked ROM. The
QT processor operates with a specialized instruction set designed for highly
efficient coding of processing algorithms and USB transaction processing.
Functionality of the QT Processor can be extended using external EEPROM
USB Subsystem
The SE401 USB Video Imager Controller contains a complete USB subsystem with
a Serial Interface Engine (SIE) and built-in transceiver operating at full 12Mbits/sec
data rate. The USB Subsystem meets the Universal Serial Bus (USB) specification
v1.1. In addition to the default control endpoint, the SE401 supports three
additional endpoints, which may be configured as Isochronous or Bulk/Interrupt.
PLL Clock
Generator
An inexpensive 12 MHz external crystal may be used with the SE401 USB Video
Imager Controller. The controller incorporates PLL circuitry to generate the internal
48MHz clock requirements of the device. Alternatively, an external 12 MHz clock
signal may be used instead of the crystal.
Internal
Ram Buffer
The SE401 USB Video Imager Controller contains 1.5K X 16 of internal buffer
memory. The memory is used for expansion code and data, such as USB packets.
It is accessed by both the processor and the Serial Interface Engine (SIE). USB
control packets are automatically routed to the buffer memory.
6K ROM BIOS
Internal 6K X 16 Masked ROM contains a BIOS (Basic Input/Output System) with
functions to manage Power-On initialization, USB Transactions, USB Enumeration,
USB Power Management, Expansion EEPROM Scan support, Memory
Management etc.
UART Interface
Supports 1200 to 115.2K baud at TTL-levels.
General Purpose
I/O
Up to 32 general purpose I/O signals are available. GPIO may be configured for
special purpose functions such as the SPORT Synchronous Serial Interface for
audio codec etc.
Serial EEPROM
Support
The SE401 USB Video Imager Controller serial EEPROM interface is used to
provide access to external EEPROMs. The interface is implemented using general-
purpose I/O signals and can support a variety of serial EEPROM formats.
External Memory
Interface
A multiplexed address port and 16-bit data port has been provided to interface to
an external SRAM, DRAM or EEPROM with programmable wait states. The port
provides RAS, CAS, RD and WR control signals for data access and refresh cycles
to the DRAM.
Development Tools
C Compiler, Assembler and debugging tools are available to qualified customers.
About EndPoints
EndPoints is a semiconductor company specializing in the digital imaging, networking
and connectivity markets.
EndPoints, Inc. 4 Preston Court Bedford, MA 01730
Ph: 781-276-3900 Fax: 781-275-1758
www.endpoints.com email: info@endpoints.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com