Electronic Components Datasheet Search
  English  ▼

X  

STK520 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # STK520
Description  STK520 is a New Member of the Successful STK500 Starter Kit Family
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK520 Datasheet(HTML) 4 Page - ATMEL Corporation

  STK520 Datasheet HTML 1Page - ATMEL Corporation STK520 Datasheet HTML 2Page - ATMEL Corporation STK520 Datasheet HTML 3Page - ATMEL Corporation STK520 Datasheet HTML 4Page - ATMEL Corporation STK520 Datasheet HTML 5Page - ATMEL Corporation STK520 Datasheet HTML 6Page - ATMEL Corporation STK520 Datasheet HTML 7Page - ATMEL Corporation STK520 Datasheet HTML 8Page - ATMEL Corporation STK520 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Introduction
1-3
STK520 User Guide
7510A–AVR–08/05
1.1
Features
STK520 is a New Member of the Successful STK500 Starter Kit Family.
Supports the AT90PWM2 & AT90PWM3.
DALI Hardware Interface.
Supported by AVR Studio® 4.
Zero Insertion Force Socket for SO24 & SO32 Packages.
High Voltage Parallell Programming.
Serial Programming.
DALI Peripherals can be Disconnected from the Device.
6 Pin Connector for On-chip Debugging using JTAG MKII Emulator.
Potentiometer for the Demo Application.
Quick Reference to all Switches and Jumpers in the Silk-Screen of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com