Electronic Components Datasheet Search
  English  ▼

X  

ISL9237 Datasheet(PDF) 13 Page - Intersil Corporation

Part # ISL9237
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9237 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button ISL9237 Datasheet HTML 9Page - Intersil Corporation ISL9237 Datasheet HTML 10Page - Intersil Corporation ISL9237 Datasheet HTML 11Page - Intersil Corporation ISL9237 Datasheet HTML 12Page - Intersil Corporation ISL9237 Datasheet HTML 13Page - Intersil Corporation ISL9237 Datasheet HTML 14Page - Intersil Corporation ISL9237 Datasheet HTML 15Page - Intersil Corporation ISL9237 Datasheet HTML 16Page - Intersil Corporation ISL9237 Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
ISL9237
13
FN8723.3
July 7, 2016
Submit Document Feedback
FIGURE 10. BOOST MODE, OUTPUT VOLTAGE LOOP TO ADAPTER
CURRENT LOOP TRANSITION. VADP = 5V,
MAXSYSTEMVOLTAGE = 8.496V, VBAT = 7V, SYSTEM
LOAD 0.5A TO 10A STEP, ADAPTERCURRENTLIMIT = 3A,
CHARGECURRENT = 0A
FIGURE 11. BOOST MODE, CHARGING CURRENT LOOP TO ADAPTER
CURRENT LOOP TRANSITION. VADP = 5V,
MAXSYSTEMVOLTAGE = 8.496V, VBAT = 7V, SYSTEM
LOAD 0.5A TO 10A STEP, ADAPTERCURRENTLIMIT = 3A,
CHARGECURRENT = 1A
FIGURE 12. BUCK-BOOST MODE, OUTPUT VOLTAGE LOOP TO
ADAPTER CURRENT LOOP TRANSITION. VADP = 12V,
MAXSYSTEMVOLTAGE = 12.6V, VBAT = 11V, SYSTEM
LOAD 1A TO 10A STEP, ADAPTERCURRENTLIMIT = 3A,
CHARGECURRENT = 0A
FIGURE 13. BUCK-BOOST MODE, CHARGING CURRENT LOOP TO
ADAPTER CURRENT LOOP TRANSITION. VADP = 12V,
MAXSYSTEMVOLTAGE = 12.6V, VBAT = 11V, SYSTEM
LOAD 1A TO 10A STEP, ADAPTERCURRENTLIMIT = 3A,
CHARGECURRENT = 1A
Typical Performance (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com