Electronic Components Datasheet Search
  English  ▼

X  

MEGA168PB Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MEGA168PB
Description  Single cycle instructions
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA168PB Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MEGA168PB Datasheet HTML 9Page - ATMEL Corporation MEGA168PB Datasheet HTML 10Page - ATMEL Corporation MEGA168PB Datasheet HTML 11Page - ATMEL Corporation MEGA168PB Datasheet HTML 12Page - ATMEL Corporation MEGA168PB Datasheet HTML 13Page - ATMEL Corporation MEGA168PB Datasheet HTML 14Page - ATMEL Corporation MEGA168PB Datasheet HTML 15Page - ATMEL Corporation MEGA168PB Datasheet HTML 16Page - ATMEL Corporation MEGA168PB Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Product Selection Guide
13
Atmel eMPU Product Portfolio
SAMA5D2 series:
The Atmel | SMART SAMA5D2 series extends the
SAMA5 family by offering great features integrated into
lower pin count packages, making it ideal for applications
where security, power consumption or space constraints
are key considerations.
SAMA5D3 series:
Operating at 850DMIPS at under 150mW, the
Atmel | SMART SAMA5D3 MPU is ideal for any
high-performance, low-power and cost-sensitive
industrial application.
SAMA5D2
SAMA5D3
SAMA5D4
Max CPU/DDR speed (MHz)
500/166
536/166
600/200
Neon
✓
--
✓
L2 cache (KB)
128
--
128
DDR3 & Quad SPI
✓
--
--
USB HSIC
✓
--
--
EMAC
1x 10/100
1x Gbit 1x 10/100
2x 10/100
CAN
✓
✓
--
LCD Interface
✓
✓
✓
Video
--
--
Yes (720p)
Thrust Zone
✓
--
✓
On-the-fly memory encryption/Tamper detection
✓
--
✓
Temperature range up to 105°
✓
✓
--
Offers rich, peripheral set, low power and ease of use
SAMA5D4 series:
The Atmel | SMART SAMA5D4 MPU operates at
945DMIPS, includes a 720p hardware video decoder
and high level of security making it ideal for any high-
performance, secure and cost-sensitive industrial
application requiring video playback. Updated A5D4
speed from 528Mhz to 600Mhz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com