Electronic Components Datasheet Search
  English  ▼

X  

PIC10F322 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC10F322
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC10F322 Datasheet HTML 2Page - Microchip Technology PIC10F322 Datasheet HTML 3Page - Microchip Technology PIC10F322 Datasheet HTML 4Page - Microchip Technology PIC10F322 Datasheet HTML 5Page - Microchip Technology PIC10F322 Datasheet HTML 6Page - Microchip Technology PIC10F322 Datasheet HTML 7Page - Microchip Technology PIC10F322 Datasheet HTML 8Page - Microchip Technology PIC10F322 Datasheet HTML 9Page - Microchip Technology PIC10F322 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 8-bit PIC®Microcontroller Solutions
Safety-Critical Features
Summary
Engineers are commonly are faced with the challenge of
complying with safety standards or the need to add a fail-safe
operation in their design, while keeping cost and complexity
to a minimum. Additionally, Microchip offers a family of 8-bit
MCUs which integrates fault-detecting hardware features to
assist you in developing your safety-critical applications. This
high level of integration makes these MCUs suitable for many
applications like home appliances, industrial machinery, RPM
indicators and power supplies.
The Window Watchdog Timer (WWDT), Cyclic Redundancy
Check with Memory Scan (CRC/SCAN) and Hardware Limit
Timer (HLT) help ease implementation of safety standards
or fail-safe features. In addition, the higher-memory products
include additional peripherals to support control and power
management applications. By eliminating code overhead
and external components, these features help reduce
design complexity and save costs, while also enabling faster
time-to-market.
Highlights
■ Cyclic Redundancy Check with Memory Scan
(CRC/SCAN): Automatically calculates CRC checksum
of Program/DataEE memory for non-volatile memory
integrity. Additionally provides a general purpose 16-bit
CRC for use with memory and communications data.
Monitoring is done in hardware with no interruption to
the CPU, reducing overall code.
■ Windowed Watchdog Timer (WWDT): System
supervisory circuit that generates a reset when
software timing anomalies are detected within a
configurable critical window. Gives engineers the
flexibility and ease to add monitoring to design.
■ 24-bit Signal Measurement Timer (SMT): Performs
high-resolution measurements of any digital signal
in hardware, resulting in more precise and accurate
measurements. This can be used as a standard timer,
ideal for speed control, range finding and RPM indicators.
■ Hardware Limit Timer (HLT): General purpose 8-bit
timer/counter with hardware monitoring capabilities
for missed periodic events and fault detection of
external hardware.
■ Zero Cross Detect (ZCD): Detects high-voltage
AC signals at the lowest crossing. Simplifies TRIAC
and switching control, eliminating the need for
additional components.
■ Complementary Waveform Generator (CWG): Provides
non-overlapping complementary waveforms for various
inputs including Comparators and PWM, while offering
enhanced features like deadband control, auto
shutdown, auto reset, phase control, blanking control.
■ Capture Compare and PWM (CCP): Includes a 10-bit
PWM which can be utilized to implement a variety of
motor control and lighting applications.
Development Tools
PICkit Low Pin Count Development Board
(DM164130-9)
■ Development board for 8, 14, 20-pin
8-bit PIC MCU
■ Populated with PIC16F1829-I/P
and ships with PIC18F14K22-I/P
(20-pin) MCU
■ This board package contains assembled board with area for
prototyping circuits and bare board as well
■ Software can be rewritten to accommodate
new technologies
Featured 8-bit MCUs with Safety-Critical Features
Device
PIC12(L)F1612
3.5
256
6
4/1
1
4
1
2/0
1
0
2/1
0
ü
ü
0
–
0
0
PIC16(L)F1613
3.5
256
12
4/1
2
8
1
2/0
1
0
2/1
0
ü
ü
0
–
0
0
www.microchip.com/8-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com