Electronic Components Datasheet Search
  English  ▼

X  

PIC16F1709 Datasheet(PDF) 8 Page - Microchip Technology

Part # PIC16F1709
Description  8-bit PIC짰 Microcontrollers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1709 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PIC16F1709 Datasheet HTML 4Page - Microchip Technology PIC16F1709 Datasheet HTML 5Page - Microchip Technology PIC16F1709 Datasheet HTML 6Page - Microchip Technology PIC16F1709 Datasheet HTML 7Page - Microchip Technology PIC16F1709 Datasheet HTML 8Page - Microchip Technology PIC16F1709 Datasheet HTML 9Page - Microchip Technology PIC16F1709 Datasheet HTML 10Page - Microchip Technology PIC16F1709 Datasheet HTML 11Page - Microchip Technology PIC16F1709 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8 8-bit PIC®Microcontroller Solutions
PIC Microcontrollers with mTouch Technology
Touch Sensing
Touch sensing has become an alternative to traditional
push-buttons and switches providing:
■ Lower cost of manufacturing and assembly
■ Elegant and stylish designs
■ Increased reliability with fewer moving parts
■ Proximity-sensitive human interfaces
Microchip’s mTouch Sensing Solutions allow you to
integrate touch sensing with application code in a single
microcontroller, reducing total system cost. Microchip
offers a broad portfolio of low-power, low-cost and flexible
solutions for keys/sliders and touch screen controllers.
Get to market faster using our easy GUI-based tools, free
source code and low-cost development tools.
Keys, Sliders, Wheels and Proximity Detection
■ Industry’s lowest-power touch sense solutions
• Capacitive sensing in less than 5 μA
• Proximity sensing down to less than 1 μA
■ No external components
■ Works through plastic, glass and metal surfaces
■ Waterproof designs for all weather conditions
■ High noise robustness
■ Integrated peripherals such as USB, segmented and
graphical LCD modules for true human interface
system-on-a-chip
■ Free software library simplifies implementation and
source code puts you in control
Capacitive Voltage Divider (CVD)
CVD is a charge/voltage based technique to measure
relative capacitance on a pin using only the ADC.
■ Software implementation
■ 8, 16, and 32-bit support
■ Proximity sensing support
■ Low temperature dependence
■ Low VDD Dependence
■ Minimal hardware requirements
■ Low-frequency noise rejection
■ Metal over cap compatible
Hardware CVD
Hardware CVD (HCVD) has been implemented on some of our
new devices providing automated capacitive touch sampling,
thereby reducing code size and decreasing CPU usage.
Development Tools
Enhanced mTouch Capacitive
Evaluation Kit (DM183026-2)
■ Features PIC16F, PIC18F, PIC24F
and PIC32F
■ Includes 8 buttons, matrix and
sliders daughter boards
■ GUI for easy configuration and real
time data monitoring
Metal Over Cap Accessory Kit (AC183026)
■ For use with the DM183026-2
■ 1 daughter board featuring
stainless steel cover
■ 1 daughter board featuring a
plastic cover
Featured HCVD Product Families
Device
Pins
Flash/RAM
HCVD
Voltage (V)
Additional Features
PIC12LF1552
8
3.5 KB
256B
ü
1.8–3.6
10-bit ADC (4), SPI/I2C™
PIC16LF1554
14
7 KB
256B
ü
1.8–3.6
10-bit ADC (11), EUSART, SPI/I2C
PIC16LF1559
20
14 KB
512B
ü
1.8–3.6
10-bit ADC (17), EUSART, SPI/I2C
Software CVD available on all PIC MCUs with ADC
www.microchip.com/mtouch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com