Electronic Components Datasheet Search
  English  ▼

X  

STK504 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # STK504
Description  Supports the ATmega3290 and ATmega6490 with built-in LCD controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

STK504 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button STK504 Datasheet HTML 3Page - ATMEL Corporation STK504 Datasheet HTML 4Page - ATMEL Corporation STK504 Datasheet HTML 5Page - ATMEL Corporation STK504 Datasheet HTML 6Page - ATMEL Corporation STK504 Datasheet HTML 7Page - ATMEL Corporation STK504 Datasheet HTML 8Page - ATMEL Corporation STK504 Datasheet HTML 9Page - ATMEL Corporation STK504 Datasheet HTML 10Page - ATMEL Corporation STK504 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
100 pin TQFP packages.
1.
Make sure the STK500 power is turned off
2.
Place your AVR sample in the socket as shown in figure 3-3.
Figure 3-3: Placing the AVR in the ZIF socket
Pay attention to the pin 1 marking on the chip and on the socket. Pin 1 on the ZIF
socket is identified by the chamfered corner. It is also marked with the white line
on the STK504.
Running the demo application
The AVR device supplied with the kit comes pre-programmed with a demo
application that uses the on-board LCD. Follow this check list:
1.
Mount the STK504 on the STK500
2.
Place the AVR with the programmed demo application in the ZIF socket
3.
Connect the LCD cable
4.
Make sure the VTARGET jumper on STK500 is mounted.
5.
Set the switch on STK504 to the LF position.
6.
Turn on power on STK500
The demo application should now run, flashing some of the LCD segments and
displaying some text.
The source code and hex file for the demo can be downloaded from the Atmel
web site.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com