Electronic Components Datasheet Search
  English  ▼

X  

AT90S4433 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT90S4433
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90S4433 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT90S4433 Datasheet HTML 17Page - ATMEL Corporation AT90S4433 Datasheet HTML 18Page - ATMEL Corporation AT90S4433 Datasheet HTML 19Page - ATMEL Corporation AT90S4433 Datasheet HTML 20Page - ATMEL Corporation AT90S4433 Datasheet HTML 21Page - ATMEL Corporation AT90S4433 Datasheet HTML 22Page - ATMEL Corporation AT90S4433 Datasheet HTML 23Page - ATMEL Corporation AT90S4433 Datasheet HTML 24Page - ATMEL Corporation AT90S4433 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-11
1925C–AVR–3/03
It is not necessary to remove the 6-wire cable from its ISP position while running a pro-
gram in the AVR. The port pins used for ISP programming can be used for other
purposes in your program.
3.7.2
High-voltage
Programming
For High-voltage Programming, a 12V programming voltage is applied to the RESET pin
of the AVR device. All AVR devices can be programmed with High-voltage Program-
ming, and the target device can be programmed while it is mounted in its socket.
Two different methods are used for High-voltage Programming: 8-pin parts use a serial
programming interface, while other parts use a parallel programming interface. The pro-
gramming signals are routed to the correct pins of the target device using the cables
supplied with STK500.
Table 3-3 summarizes the programming method and special considerations when using
High-voltage Programming.
Table 3-3. High-voltage Programming Settings
AVR
Devices
STK500
Socket
Color
Number
High-voltage Programming Method
AT90S1200
AT90S2313
SCKT3300D3
Red
3
Parallel High-voltage Programming.
Connect PROG CTRL header to
PORTD and PROG DATA to PORTB,
as shown in Figure 3-17 on page 3-12.
AT90S4414
AT90S8515
SCKT3000D3
Red
3
AT90S4434
AT90S8535
SCKT3100A3
Red
3
ATtiny28
SCKT3500D-
None
–
ATmega161
SCKT3000D3
Red
3
Parallel programming as above; mount
BSEL2 jumper. See Section 3.8.
ATmega16
ATmega163
ATmega323
SCKT3100A3
Red
3
AT90S2333
AT90S4433
SCKT3200A2
Green
2
Parallel programming as above; mount
PJUMP jumpers. See Section 3.8.
ATmega103
ATmega128
Use the
STK501 Top
Module
–
–
Parallel programming as above; mount
BSEL2 jumper. See Section 3.8.
ATmega8
SCKT3200A2
Green
2
Parallel programming as above; Mount
PJUMP jumpers and mount BSEL2
terminal to PC2. See Section 3.8.5 and
Section 3.8.6.
AT90S2323
AT90S2343
ATtiny11
ATtiny12
ATtiny22
SCKT3400D1
Blue
1
Serial High-voltage Programming
ATtiny15
SCKT3600A1
Blue
1
N/A
SCKT3700A1
Blue
1
Socket not in use in this version of
STK500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com