Electronic Components Datasheet Search
  English  ▼

X  

ATmega168P Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATmega168P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega168P Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATmega168P Datasheet HTML 6Page - ATMEL Corporation ATmega168P Datasheet HTML 7Page - ATMEL Corporation ATmega168P Datasheet HTML 8Page - ATMEL Corporation ATmega168P Datasheet HTML 9Page - ATMEL Corporation ATmega168P Datasheet HTML 10Page - ATMEL Corporation ATmega168P Datasheet HTML 11Page - ATMEL Corporation ATmega168P Datasheet HTML 12Page - ATMEL Corporation ATmega168P Datasheet HTML 13Page - ATMEL Corporation ATmega168P Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
© 2013 / www.atmel.com
10
Body Electronics and Powertrain
With 30 years experience in body electronic and power-
train designs, Atmel is a market leader in numerous areas.
In the ever-growing LIN bus system segment, Atmel
offers products at all integration levels—from simple
transceiver ICs to complex system basis chips (SBC).
At higher integration levels, Atmel provides complete
System-in-Package (SIP) solutions, including an Atmel
AVR microcontroller, LIN transceiver, voltage regulator
and watchdog in one single package.
The advantages of silicon on insulator (SOI) technology
make it possible to develop ICs with outstanding
electromagnetic immunity (EMI and ESD). Atmel is
committed to offering its customers optimal LIN solutions
as the LIN area continues to develop and evolve.
Atmel driver ICs are capable of handling environmental
temperatures of 150ºC and junction temperatures
of 200ºC, making their use possible in most high-
temperature automotive applications.
With few external components, Atmel driver ICs with
LIN communication and AVR microcontrollers combine
to create cost-efficient motor driver modules complete
with LIN functionality, which can equally be used in harsh
automotive conditions.
• In-Vehicle Networking (IVN, including LIN, CAN,
and microcontrollers)
• Standard and high-temperature drivers, motor-driver
system basis chips
• Watchdogs
• Li-ion battery management and replacement of
standard lead-acid batteries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com