Electronic Components Datasheet Search
  English  ▼

X  

ATmega644P Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATmega644P
Description  Atmel짰 AVR짰 32-bit microcontrollers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega644P Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATmega644P Datasheet HTML 7Page - ATMEL Corporation ATmega644P Datasheet HTML 8Page - ATMEL Corporation ATmega644P Datasheet HTML 9Page - ATMEL Corporation ATmega644P Datasheet HTML 10Page - ATMEL Corporation ATmega644P Datasheet HTML 11Page - ATMEL Corporation ATmega644P Datasheet HTML 12Page - ATMEL Corporation ATmega644P Datasheet HTML 13Page - ATMEL Corporation ATmega644P Datasheet HTML 14Page - ATMEL Corporation ATmega644P Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Atmel Automotive Solutions
11
Atmel Automotive Solutions
Atmel Automotive Solutions
11
In-Vehicle Networking ICs
The modular Atmel LIN family includes simple transceiver ICs (Atmel ATA6662C/63/64/70), complex system basis chips
(Atmel ATA6622C/23C/24C/25C/26C/28/29/30/31) and system-in-package modules (Atmel ATA6612C/13C/14Q/16C/17C)
with complete system integration and advanced LIN ASSPs (ATA664151/4251) as well as system basis chips for motor-driver
applications (ATA6823C/43/44).
LIN Family ICs
Part No.
Description
Package
ATA6612C
Atmel AVR LIN SiP, ATmega88 Microcontroller with LIN Transceiver, 5V Voltage Regulator, and Window Watchdog in Single Package
QFN48
ATA6613C
Atmel AVR LIN SiP, ATmega168 Microcontroller with LIN Transceiver, 5V Voltage Regulator, and Window Watchdog in Single Package
QFN48
ATA6614Q
AVR LIN SiP, ATmega328P Microcontroller with LIN Transceiver, 5V Voltage Regulator, and Window Watchdog in Single Package
QFN48
ATA6616C
Atmel AVR LIN SiP, ATtiny87 Microcontroller with LIN Transceiver, 5V Voltage Regulator, Window Watchdog and Hardware
LIN UART in Tiny Single Package
QFN32
ATA6617C
Atmel AVR LIN SiP, ATtiny167 Microcontroller with LIN Transceiver, 5V Voltage Regulator, Window Watchdog and Hardware
LIN UART in Tiny Single Package
QFN32
ATA6622C
LIN System Basis Chip with LIN Transceiver, Integrated 3.3V/50mA Voltage Regulator and Window Watchdog
QFN20
ATA6623C
LIN System Basis Chip with LIN Transceiver and Integrated 3.3V/50mA Voltage Regulator
SO8
ATA6624C
LIN System Basis Chip with LIN Transceiver, Integrated 5V/50mA Voltage Regulator and Window Watchdog
QFN20
ATA6625C
LIN System Basis Chip with LIN Transceiver and Integrated 5V/50mA Voltage Regulator
SO8
ATA6626C
LIN System Basis Chip Including LIN Transceiver without TxD Time-out Timer, Integrated 5V/50mA Voltage Regulator and
Window Watchdog
QFN20
ATA6628
LIN System Basis Chip with LIN Transceiver, Integrated 3.3V/50mA Voltage Regulator and Window Watchdog
QFN20
ATA6629
LIN System Basis Chip with LIN Transceiver and Integrated 3.3V/50mA Voltage Regulator
SO8
ATA6630
LIN System Basis Chip with LIN Transceiver, Integrated 3.3V/50mA Voltage Regulator and Window Watchdog
QFN20
ATA6631
LIN System Basis Chip with LIN Transceiver and Integrated 3.3V/50mA Voltage Regulator
SO8
ATA664151
LIN System Basis Chip with LIN Transceiver, 5V Regulator, Watchdog, 8-channel High Voltage Switch/LED Interface with High-voltage
Current Sources, 16-bit SPI
QFN32
ATA664251
16K Flash Microcontroller with LIN Transceiver, 5V Regulator, Watchdog, 8-channel High Voltage Switch / LED Interface with
High-voltage Current Sources, 16-bit SPI
QFN48
ATA6662C
LIN Transceiver, Physical Layer According to Specification 2.1
SO8
ATA6663
LIN Transceiver, Physical Layer According to Specification 2.1
SO8, DFN8
ATA6664
LIN Transceiver, Physical Layer According to Specification 2.1, without Time-out Feature
SO8
ATA6670
Fully Integrated Dual-LIN Transceiver Complying to LIN Specification 2.0, 2.1 and SAEJ2602, with Advanced EMI/ESD
Performance and TXD-dominant Time-out Feature
DFN14
ATA6823C
LIN System Basis Chip with H-bridge DC Motor Driver. Integrated 3.3V/5V/100mA Power Supply, LIN Transceiver, Watchdog
QFN32
ATA6843
30V BLDC Motor System Basis Chip, LIN Interface, Window Watchdog and Voltage Regulator, Coast Function
QFN48
ATA6844
30V BLDC Motor System Basis Chip, LIN Interface, Window Watchdog and Voltage Regulator, Tjunction up to 200°C, Coast Function
QFN48
Atmel ATA6662C/63/64/70
Atmel ATA6623C/25C/29/31
Atmel ATA6622C/24C/26C/28/30
Atmel ATA6823C/43/44
Atmel ATA6612C/13C/14Q/16C/17C
Atmel ATA664151/4251
Watchdog
LIN Transceiver
Sensor
Microcontroller
Voltage Regulator
Actuator
HV Switches
LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com