Electronic Components Datasheet Search
  English  ▼

X  

PC-414A Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # PC-414A
Description  Last Time Buy Notice - Board Products
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414A Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button PC-414A Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 9Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 10Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 11Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 12Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 13Page - List of Unclassifed Manufacturers PC-414A Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
PC-414LV FEATURES
••••• Supports DATEL’s PC-414 family of high-speed analog
input boards
••••• Runs under Microsoft Windows®, uses Dynamic Data
Exchange (DDE)
••••• Adaptable to all LabVIEW applications
••••• Easy-to-use visual programming eliminates low level
software
••••• Interactive, customizable front panel controls
••••• Integrates data acquisition, processing, display, and
storage
••••• A/D sampling rates to 10 MHz
••••• Optional multi-channel simultaneous sampling
PC-414LV GENERAL DESCRIPTION
National Instruments’ LabVIEW transforms the PC-414 family
of high speed analog input boards into easy-to-use virtual
instruments (VI’s) that acquire, analyze, display, and store
analog signals in real time. Low level software development is
replaced by an intuitive visual programming system that
harnesses all the power of Microsoft Windows - graphic user
interface (GUI), access to more host memory (16
megabytes), multi-tasking, and inter-process communications
using DDE. Applications include highly concurrent system
testing, process monitoring and control, telemetry, radar,
sonar, acoustics, DSP front end quantizer, education, and
research.
The PC-414 LabVIEW package from DATEL consists of a set
of inexpensive VI’s for low level control of the board. These
integrate into the LabVIEW package which the user must
purchase from National Instruments. Once installed, these
VI’s appear as icons on the LabVIEW menues. DATEL’s VI’s
are offered in two versions. Model PC-414LV is the
executable binary-only configuration which can be fully
integrated into the user-written block diagram. Model
PC-414LVS is the full source to model PC-414LV and also
includes all binaries. The source code should be considered
by a programmer who wishes to extend or modify the existing
VI’s or just wants to more fully understand their operation.
LabVIEW’s feature-rich program development system
combined with DATEL’s library of VI functions for the PC-414
provide the essential building blocks to create any conceivable
LabVIEW applications.
Graphical programming works like a flowchart - when the
flowchart is accurate and complete, the program is done.
PC-414LV off-loads as much programming as possible into
the LabVIEW environment so the user has maximum control.
It creates a library of fast, simple, highly modular VI functions
for the PC-414 that do not sacrifice board performance. The
user builds VI’s to configure the data acquisition hardware,
process the data, and ultimately display and store that data
without writing programs. Similar VI’s can be created to
update the analog output and to read and write the digital I/O
port.
Figure 6. PC-414LV LabVIEW System Diagram
Amplitude
Timebase
Input Channel
Input Signal
LabVIEW
Windows
PC-414
High speed analog
input board
(includes D/A and digital I/O)
Analog
and
Digital
I/O
Host Computer
On/
Off
LabVIEW
Real Time
Processing
and Display
Initialize
PC-414
Start
A/D
Read
FIFO
Loop
Front Panel Controls
Visual Programming Diagram
OFF
ON
Single Multi SS&H
Digital Out
10101010
Analog Out
1024
A/D data to
remote receivers
Parallel Port
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com