Electronic Components Datasheet Search
  English  ▼

X  

4HD-EM Datasheet(PDF) 8 Page - THOR communications

Part # 4HD-EM
Description  2ch or 4ch HD-SDI
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

4HD-EM Datasheet(HTML) 8 Page - THOR communications

Back Button 4HD-EM Datasheet HTML 4Page - THOR communications 4HD-EM Datasheet HTML 5Page - THOR communications 4HD-EM Datasheet HTML 6Page - THOR communications 4HD-EM Datasheet HTML 7Page - THOR communications 4HD-EM Datasheet HTML 8Page - THOR communications 4HD-EM Datasheet HTML 9Page - THOR communications 4HD-EM Datasheet HTML 10Page - THOR communications 4HD-EM Datasheet HTML 11Page - THOR communications 4HD-EM Datasheet HTML 12Page - THOR communications Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
H-2/4HD-EM(S/H)
2.2 Power Precautions
Be careful when connecting a power source to the device.
Do not operate in wet or damp areas. Make sure the extension cable is in good
condition
Make sure the power switch is off before you start to install the device
2.3 Device’s Installation Flow Chart Illustrated as following
2.4 Environment Requirement
Item
Requirement
Machine
Hall
Space
When user installs machine on rack, the distance between 2
rows of machine frames should be 1.2~1.5m and the distance
against wall should be no less than 0.8m.
Machine Hall Floor
Electric Isolation, Dust Free
Volume
resistivity
of
ground
anti-static
material:
1X10
7~1X1010
Ω
,
Grounding current limiting resistance: 1M
Ω
(Floor bearing should be greater than 450Kg/
㎡
)
Environment
Temperature
5~40
℃
(sustainable )
,
0~45
℃
(short time)
,
installing air-conditioning is recommended
Relative Humidity
20%~80% sustainable
10%~90% short time
Pressure
86~105KPa
Door & Window
Installing rubber strip for sealing door-gaps and dual level
glasses for window
Wall
It can be covered with wallpaper, or brightness less paint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com