Electronic Components Datasheet Search
  English  ▼

X  

SLD432S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SLD432S
Description  Ultrahigh Power Infrared Array Laser Diode Achieves 40 W Optical Power Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SLD432S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SLD432S Datasheet HTML 1Page - List of Unclassifed Manufacturers SLD432S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
0
If [A]
Light-current
Far field pattern
Spectrum
20
30
40
10
50
15
30
45
60
Angle [deg.]
–40
–20
20
40
0
790
800
820
830
810
Wavelength [nm]
0.2
0.0
0.4
0.6
0.8
1.0
0.2
0.0
0.4
0.6
0.8
1.0
θ//
θ⊥
CW drive
Tc = 25
°C
CW drive
Tc = 25
°C
Po = 40 W
CW drive
Tc = 25
°C
Po = 40 W
GaAs substrate
Active layer
N-side electrode
P-side electrode
Laser beam
emitting point
100
µm
10
±0.2
3-cross-recessed head
2-
φ3.2
Machine screws (M2)
LD (–)
LD chip
LD (+)
4.7
±0.1
6
7
8
9
(10.3)
5.5
17.8
15
24.9
±0.2
φ2 depth4
M3
(Unit: mm)
Threshold current
Item
Operating current
Operating voltage
Oscillation wavelength
Radiation
angle
Parallel to
junction
Perpendicular
to junction
Differential efficiency
Symbol
Ith
Iop
Vop
λp
θ//
θ⊥
ηD
Typical value
Unit
Conditions: TC = 25
°C
Po =40 W@CW
13
50
1.9
808
8
24
1.2
A
V
nm
deg.
W/A
s Table 1 SLD432S Main Characteristics
s Figure 3 SLD432S Package Dimensions
s Figure 2 SLD432S Chip Structure
s Figure 1 SLD432S Representative Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com