Electronic Components Datasheet Search
  English  ▼

X  

84C44X Datasheet(PDF) 33 Page - NXP Semiconductors

Part # 84C44X
Description  8-bit microcontrollers with OSD and VST
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

84C44X Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button 84C44X Datasheet HTML 29Page - NXP Semiconductors 84C44X Datasheet HTML 30Page - NXP Semiconductors 84C44X Datasheet HTML 31Page - NXP Semiconductors 84C44X Datasheet HTML 32Page - NXP Semiconductors 84C44X Datasheet HTML 33Page - NXP Semiconductors 84C44X Datasheet HTML 34Page - NXP Semiconductors 84C44X Datasheet HTML 35Page - NXP Semiconductors 84C44X Datasheet HTML 36Page - NXP Semiconductors 84C44X Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
1996 Nov 29
33
Philips Semiconductors
Product specification
8-bit microcontrollers with OSD and VST
84C44X; 84C64X; 84C84X
Note
1. These bits are not available in the PCA84C441, PCA84C444, PCA84C641, PCA84C644,
PCA84C841 and PCA84C844.
15 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
40H
OSDCA
CC34
(0)
CC24
(0)
CC14
(0)
RBLK
(0)
ROUND
(0)
STBY
(1)
VLVL
(0)
HLVL
(0)
R/W
41H
LINE0A
SZ01
(0)
SZ00
(0)
VP05
(0)
VP04
(0)
VP03
(0)
VP02
(0)
VP01
(0)
VP00
(0)
R/W
42H
LINE0B
BLK0
(0)
VB0
(0)
HP05
(0)
HP04
(0)
HP03
(0)
HP02
(1)
HP01
(0)
HP00
(0)
R/W
43H
OSDCB
CDTV
(0)
CDTH
(0)
CC33
(0)
CC23
(0)
CC32
(0)
CC12
(1)
CC21
(0)
CCV11
(0)
R/W
44H
LINE1A
SZ11
(0)
SZ10
(0)
VP15
(0)
VP14
(0)
VP13
(0)
VP12
(1)
VP11
(0)
VP10
(0)
R/W
45H
LINE1B
BLK1
(0)
VB1
(0)
HP15
(0)
HP14
(0)
HP13
(0)
HP12
(1)
HP11
(0)
HP10
(0)
R/W
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+7.0
V
VI
input voltage (all inputs)
−0.3
VDD + 0.3 V
IOH
maximum source current for all port lines
−−10
mA
IOL
maximum sink current for all port lines
−−30
mA
Ptot
total power dissipation
−
900
mW
Tstg
storage temperature
−55
+125
°C
Tamb
operating ambient temperature (for all devices)
−20
+70
°C
ADDR
REG
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com