Electronic Components Datasheet Search
  English  ▼

X  

F-HDMI Datasheet(PDF) 1 Page - THOR communications

Part # F-HDMI
Description  Thor F-HDMI-SMSC fiber extenders eliminate the limitations of traditional multimode or CAT5 HDMI extenders.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-HDMI Datasheet(HTML) 1 Page - THOR communications

  F-HDMI Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data Sheet: F-HDMI
Typical F-HDMI Application
Technical Specifications
Resolution:
720,1080, 800x600 to 1920x1200
Interface:
HDMI Interface with HDCP
Audio Mode:
Unballenced Stereo
Input/Output
10k/50 Ohms Stereo
Max input/output
5 dBu/4Vpp Stereo
Frequency Response
20Hz – 20kHz
Singal Noise Ratio
>70 dB @ 1 kHz
Interface
3.5 mm
Optical Wavelength
1310 nm
Receiver sensitivity
-23 dBm
Data Rate
1.65 GHz
Input Optical Modulation
<15 W
Output Optical Modulation
180 W
Relative Speed
-116 DB/Hz
Return Wave Loss
<10 dB
Dimensions (mm)
170x100x35
Power Supply Max.
12 VDC @ 1.5 A
Working Temp.
0 – 50
Relative Humidity
0 – 95
Thor F-HDMI-SMSC fiber extenders
eliminate the limitations of traditional
multimode or CAT5 HDMI extenders.
This is a complete kit with transmitter
and receiver for transparent HDMI
connections over a single strand of
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467
SM-FOC up to 25km. Thor HDMI extenders offer full bi-directional signal transport between the
transmitter and receiver. This allows return path information from the sink back to the source for
services such as HDCP status, supported screen resolutions, Electronic display information, or any
other information sent from the sink device at the receiver back to the source device at the transmitter.
Thor also provides pre-terminated and connectorized singlemode fiber cables at any length. Thor F-
HDMI-SMSC fiber optic HDMI systems allow simple and inexpensive video links over any distance.
With 6.25Gbps transmitter optics the video data can be sent at full rate without encoding or reducing
quality. This allows video connections operating at 1080p60 at less than 10ms latency over 25km.
With such a low delay, these extender kits satisfy all live video quality and latency requirements.


Similar Part No. - F-HDMI

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-HD-SDI THOR-F-HD-SDI Datasheet
92Kb / 1P
Typical F-HD-SDI Application
More results

Similar Description - F-HDMI

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M83538-9S-09 GLENAIR-M83538-9S-09 Datasheet
71Kb / 1P
Adapters/Extenders
M85049-34-8W GLENAIR-M85049-34-8W Datasheet
72Kb / 1P
Adapters/Extenders
logo
Tripp Lite. All Rights ...
P164000KJWH TRIPPLITE-P164000KJWH Datasheet
502Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F-F)
logo
Level One
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9304 LVL1-AVE-9304 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9304A LVL1-AVE-9304A Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9308 LVL1-AVE-9308 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9316 LVL1-AVE-9316 Datasheet
1Mb / 4P
Audio/Video Extenders
logo
Tripp Lite. All Rights ...
P164-000-KJ-WH TRIPPLITE-P164-000-KJ-WH Datasheet
160Kb / 2P
HDMI Keystone Wallplate Coupler, White (HDMI F/F)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com