Electronic Components Datasheet Search
  English  ▼

X  

F-LB61 Datasheet(PDF) 1 Page - THOR communications

Part # F-LB61
Description  Six Channel High Density LBand Coax Over Fiber Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-LB61 Datasheet(HTML) 1 Page - THOR communications

  F-LB61 Datasheet HTML 1Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
 
 
F-LB61 
6 CH FIBER OPTIC L-BAND LINK 
Satellite TV over 1 Fiber 
 
Six Channel High Density L­Band Coax Over Fiber Kit  
Single fiber transport for Satellite TV antennas with up to 6 coax feeds.  
 
TRANSPORT 6 L-BAND COAX ON 1 FIBER CABLE 
The F­LB61 platform from Thor Broadcast is 
designed for the highest capacity satellite TV 
systems.  The system provides remote 
antenna support for 6 LNB coax feeds over a 
single strand of singlemode fiber.  The 
transmitter units are available in a variety of 
form factors, including models designed to 
meet outdoor NEM 4 weather specifications. 
In addition to customizing CWDM channels the units are also available in a range of power 
options.  Higher laser power ratings are available to meet the needs of the available fiber 
infustructure.  Thor’s team of optical engineers are available to analyze link loss data for an 
optical link and recommend the proper equipment.  
 
Product Specifications and Information Table 
Transmitter Parameters
   
Optical Power Outputs
   
Optical Wavelength 
1310nm ­ 1610nm  CWDM  Laser Rating =    2 mW 
Laser Rating =    4 mW 
Laser Rating =    6 mW 
Laser Rating =  10 mW 
Optical Power Out = 3.0 dBm 
Optical Power Out = 6.0 dBm 
Optical Power Out = 8.0 dBm 
Optical Power Out = 10. dBm 
Standard Wavelengths  
Varries, By Request  
RF Input Inputs 
6x Coax Type­F  75Ω 
Return loss 
>12 dB 
RF Frequency Response 
45 ­ 2800 MHz  
Power Consumption 
 
RF Input Power Range 
  14­25dBmV
  
 
Power supply 
AC 110 ­ 240 VAC 
RF Connector Type 
F­Type, (Or 
b
y Request) 
DC input voltage range 
24V~48V  
CNR 
40 dB 
Power consumption 
50W±10
% (varies by temp) 
IMD 
40 dB  
Environmental 
 
Receiver Parameters 
 
Working temperature 
­30
~60℃ 
Optical Wavelength 
Matched to Transmitter 
Unit Weight (sea level) 
3.5 kg 
Optical Power Range 
­13 dBm ­ 0 dBm 
Storage temperature 
­40
~85℃ 
RF Frequency Response   
45 ­ 2800 MHz 
Dimensions 
 
RF Connector Type 
F­Type, (Or by Request) 
Rackmount Enclosure 
482mm×268mm×44mm 
 
Copyright 2015      Thor Broadcast
1-800-521-8467 (Phone)
Sales@ThorFiber.com
 


Similar Part No. - F-LB61

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-LB41 THOR-F-LB41 Datasheet
603Kb / 2P
Four Channel Rack Mount LBand RF Over Fiber Link
F-LB41-DWDM THOR-F-LB41-DWDM Datasheet
602Kb / 1P
Four Channel Rack Mount LBand RF Over Fiber Link
F-LBAND THOR-F-LBAND Datasheet
525Kb / 1P
Single Channel Compact LBand RF Over Fiber Link
F-LBAND-RX THOR-F-LBAND-RX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
F-LBAND-TX THOR-F-LBAND-TX Datasheet
88Kb / 1P
Typical L-BAND-Rx/Tx Application
More results

Similar Description - F-LB61

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72935 POMONA-72935 Datasheet
232Kb / 1P
SMD High Density Circuit Test Kit
logo
Level One
AVF-1000 LVL1-AVF-1000 Datasheet
629Kb / 4P
1-Channel BNC over Fiber Extender Kit, RS485, 20km
AVF-1100 LVL1-AVF-1100 Datasheet
650Kb / 3P
1-Channel BNC over Fiber Extender Kit, 20km
AVF-1160 LVL1-AVF-1160 Datasheet
748Kb / 3P
16-Channel BNC over Fiber Extender Kit, 20km
AVF-1160R LVL1-AVF-1160R Datasheet
523Kb / 3P
16-Channel BNC over Fiber Extender Kit, 20km
AVF-1200 LVL1-AVF-1200 Datasheet
766Kb / 3P
2-Channel BNC over Fiber Extender Kit
AVF-1800 LVL1-AVF-1800 Datasheet
1,000Kb / 3P
8-Channel BNC over Fiber Extender Kit, 20km
logo
THOR communications
F-LB41 THOR-F-LB41 Datasheet
603Kb / 2P
Four Channel Rack Mount LBand RF Over Fiber Link
F-LB41-DWDM THOR-F-LB41-DWDM Datasheet
602Kb / 1P
Four Channel Rack Mount LBand RF Over Fiber Link
F-LBAND THOR-F-LBAND Datasheet
525Kb / 1P
Single Channel Compact LBand RF Over Fiber Link
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com