Electronic Components Datasheet Search
  English  ▼

X  

TBU-PL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TBU-PL
Description  High-Speed Protectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-PL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TBU-PL Datasheet HTML 1Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 2Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 3Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 4Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 5Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 6Page - Bourns Electronic Solutions TBU-PL Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
n
Superiorcircuitprotection
n
Overcurrent&overvoltageprotection
n
Blockssurgesuptoratedlimits
n
High-speedperformance
n
SmallSMTpackage
n
RoHScompliant*
n
Agencyrecognition:
Applications
n
SLICprotection
n
Cable&DSL
n
MDU/MTUmodems
n
ONT
n
Voice/DSLlinecards
TBU-PL Series - TBU® High-Speed Protectors
*RoHSDirective2002/95/ECJan.27,2003includingannexandRoHSRecast2011/65/EUJune8,2011.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
General Information
The TBU-PL Series of Bourns® TBU® products are low capacitance dual bidirectional high-speed protection
components, constructed using MOSFET semiconductor technology, and designed to protect against faults
caused by short circuits, AC power cross, induction and lightning surges.
In addition to overcurrent protection, an added feature is the voltage monitoring on the two lines. If the voltage
on the line drops below Vss then the voltage will trigger the device to switch to the blocking state.
The TBU® high-speed protector placed in the system circuit will monitor the current with the MOSFET detec-
tion circuit triggering to provide an effective barrier behind which sensitive electronics will not be exposed to
large voltages or currents during surge events. The TBU® device is provided in a surface mount DFN package
and meets industry standard requirements such as RoHS and Pb Free solder reflow profiles.
Agency Approval
TBU® Device
Line 1 SLIC
Line 1
Line 2 SLIC
Line 2
Vdd
Vss
Description
UL
File Number: E315805
Industry Standards (in Conjunction with OVP Device)
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Part Number
Value
Unit
Vimp
Peak impulse voltage withstand with duration less than 10 ms
TBU-PL050-xxx-WH
TBU-PL060-xxx-WH
TBU-PL075-xxx-WH
TBU-PL085-xxx-WH
500
600
750
850
V
Vrms
Continuous A.C. RMS voltage
TBU-PL050-xxx-WH
TBU-PL060-xxx-WH
TBU-PL075-xxx-WH
TBU-PL085-xxx-WH
300
350
400
425
V
Top
Operating temperature range
-55 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
Tjmax
Maximum Junction Temperature
+125
°C
ESD
HBM ESD Protection per IEC 61000-4-2 on line pads
±2
kV
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Part Number
Min.
Typ.
Max.
Unit
Itrigger
Current required for the device to go from
operating state to protected state
TBU-PLxxx-100-WH
TBU-PLxxx-200-WH
100
200
150
300
200
400
mA
Rdevice
Series resistance of the TBU® device
40
50
55
Ω
Rmatch
Package resistance matching of the TBU® device #1 - TBU® device #2
±0.5
±1.0
Ω
tblock
Time taken for the device to go into current limiting
1
µs
IQ
Current through the triggered TBU® device with 50 Vdc circuit voltage
0.25
0.70
1.50
mA
Iss
Operating current with Vss = -50 V
100
µA
Vreset
Voltage below which the triggered TBU®
device will transition to normal operating state
TBU-PLxxx-100-WH Forward Mode
12
15
22
V
Reverse Mode
10
13
20
TBU-PLxxx-200-WH Forward Mode
15
20
25
Reverse Mode
12
17
22
Vto
Voltage threshold offset with 60 Hz applied voltage, with Vss -50 V (Vss - VlineSLIC)
-1.0
0.2
V
Vss
Operating voltage range relative to Vdd
-180
-20
V
Rth(j-l)
One side junction to package pads - FR4 using minimum recommended pad layout
110
°C/W
Rth(j-l)
Both sides junction to package pads - FR4 using minimum recommended pad layout
65
°C/W
Rth(j-l)
One side junction to package pads - FR4 using heat sink on board (6 cm2) (0.5 in.2)
70
°C/W
Rth(j-l)
Both sides junction to package pads - FR4 using heat sink on board (6 cm2) (0.5 in.2)
40
°C/W
Solutions available for GR-1089-CORE, ITU-T and a combination of both.


Similar Part No. - TBU-PL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-PL-75-100-WH BOURNS-TBU-PL-75-100-WH Datasheet
908Kb / 1P
Negative Battery Voltage SLIC Protection
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
805Kb / 7P
TBU짰 High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
TBU High Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
1Mb / 8P
Bidirectional Dual TBU짰 Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
812Kb / 7P
TBU-PL Series - TBU High-Speed Protectors
More results

Similar Description - TBU-PL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
TBU High Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
TBU High Speed Protectors
TBU-KE025-500-WH BOURNS-TBU-KE025-500-WH Datasheet
526Kb / 6P
TBU High Speed Protectors
TBU-PK050-100-WH_1107 BOURNS-TBU-PK050-100-WH_1107 Datasheet
806Kb / 7P
TBU짰 High-Speed Protectors
TBU-PL050-100-WH_1107 BOURNS-TBU-PL050-100-WH_1107 Datasheet
805Kb / 7P
TBU짰 High-Speed Protectors
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
TBU High-Speed Protectors
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
High-Speed Protectors
TBU-CX BOURNS-TBU-CX Datasheet
582Kb / 5P
High-Speed Protectors
TBU-KE BOURNS-TBU-KE Datasheet
526Kb / 6P
High Speed Protectors
TBU-PK BOURNS-TBU-PK Datasheet
796Kb / 7P
High-Speed Protectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com