Electronic Components Datasheet Search
  English  ▼

X  

F-RF-T Datasheet(PDF) 1 Page - THOR communications

Part # F-RF-T
Description  The F-RF-TX transmitter is used to transmit RF cable TV signals (45- 870MHz) over a fiber optic cable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THOR [THOR communications]
Direct Link  http://www.thorfiber.com
Logo THOR - THOR communications

F-RF-T Datasheet(HTML) 1 Page - THOR communications

  F-RF-T Datasheet HTML 1Page - THOR communications F-RF-T Datasheet HTML 2Page - THOR communications  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet: F-RF-Tx
The F-RF-TX transmitter is used to
transmit RF cable TV signals (45-
870MHz) over a fiber optic cable. By
converting the RF band to an optical
signal the transmission distance can be
increased to over 120 km. The transmitter uses external modulation technology with a direct current
laser. This results in no laser chirp, low dispersion distortion, a large extinction ratio, and high speed
signal transfer. The F-RF-TX features an easy to read front panel LCD screen that displays relative
operating status and fault information. The unit implements a high linearity DFB laser, and features
built in pre-distortion adjustment circuity. The F-RF-TX direct modulated optical transmitter can be
used in FTTx (10Km) of second-grade service area (Sub-HE) and can also be used in WDM narrow-
band multiplexing and IP/QAM. Our RF transmitter units feature dual power supplies for added fault
protection. All operating parameters of the F-RF-TX series transmitters are designed for high reliability
and suitable for even the most high end applications.
Typical F-RF-Tx Application
Technical Specifications
Optical Features
Wavelength:
1548 – 1563
Linewidth:
<1 MHz
FWHM
Suppression Ratio
>45 dB
SMSR
Intensity
<-160 dB/Hz
RIN 20-1000MHz
Output Power:
6mW
Optional 3 – 10
Return Loss:
>55
Optical Connector:
SC/APC
FC/APC
RF Features
Work Bandwidth:
45 – 862 MHz
Input Level
19 – 21 dBmV MGC
Flatness:
<±0.75 dB
45 – 862 MHz
Return Loss:
>16 dB
Input Impedance
75 Ohm
RF/INPUT
RF Interface:
F-Type
or by request
Link Features
Transmit channel
PAL-D/60CH
NTSC/80CH
CNR
>50 dB
CTB
<-63
CSO
<-57 dB
SBC restrain
>17
General Features
Network Interface:
RJ45, RS232
IE and SNMP
Operating Temp:
5 – 65 (°C)
Storage Temp:
-40 – 85 (°C)
Operating Humidity:
0 – 90 (%)
Storage Humidity:
0 – 90 (%)
Power Requirements:
110/240V Auto Sense
Dimensions:
19x10x1.75 (W)x(D)x(H)
© 2013 Thor Broadcast – All rights reserved.
Contact: Sales@thorfiber.com 1-800-521-8467


Similar Part No. - F-RF-T

ManufacturerPart #DatasheetDescription
logo
THOR communications
F-RF-R THOR-F-RF-R Datasheet
478Kb / 8P
Installation and User Guide
F-RF-RX THOR-F-RF-RX Datasheet
298Kb / 6P
RF Mini Optical Receiver F-RF-RX
More results

Similar Description - F-RF-T

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
Fiber Optic Transmitter
logo
ANADIGICS, Inc
ACA2601 ANADIGICS-ACA2601 Datasheet
430Kb / 20P
Fiber-to-the-Home RF Amplifier
01/2006
ACA2604 ANADIGICS-ACA2604 Datasheet
661Kb / 18P
Fiber-to-the-Home RF Amplifier
11/2008
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
Fiber Optic Transmitter
logo
THOR communications
F-GPSF THOR-F-GPSF Datasheet
767Kb / 1P
The F-GPSF fiber link is a transmitter and receiver pair used to transmit the RF Carrier signal from a GPS antenna to a remote location up to 10 Km
F-PHONE THOR-F-PHONE Datasheet
2Mb / 2P
The F-1TEL is used for carrying a phone line over a fiber optic cable
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
Fiber Optic Transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com