| Electronic Components Datasheet Search |
|
313111--7 Datasheet(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
313111--7 Datasheet(HTML) 2 Page - Tyco Electronics |
|
2 / 5 page ![]() 408- 9039 Crimping Die Assemblies 58166- [ ] for SDL Connectors Rev F 2 of 5 Tyco Electronics Corporation Figure 2 Cable Connector Body Clear of Dies Stationary Die Front Part of Ferrule in Braid Crimping Section of Die cloth. Do NOT use hard or abrasive objects that could damage the dies. 2. Make sure dies are protected with a THIN coat of any good SAE No. 20 motor oil. Do NOT oil excessively. 3. When die assembly is not in use, mate and store them in a clean, dry area. 5.2. Periodic Inspection A. Visual Inspection 1. Remove all lubrication and accumulated film from the dies by immersing the dies in a suitable commercial degreaser that will not affect paint or plastic material. 2. Make sure that all die retention screws and die components are properly secured. 3. Inspect die assembly for worn, cracked, or broken surfaces. If damage is evident, the dies must be replaced. See Section 6, REPLACEMENT PARTS. Figure 3 Crimped Ferrule Shielded SDL Connector B. Gaging the Crimping Section This inspection requires the use of plug gages conforming to the dimensions provided in Figure 4. Tyco Electronics does not manufacture or market these gages. For each crimping section, proceed as follows: 1. Remove traces of oil or dirt from the crimping section and plug gage. 2. Mate the dies until the crimping surfaces have bottomed; then hold in this position. DO NOT force the dies beyond initial contact. 3. Carefully insert GO element into the corresponding crimping section; do not force it. The GO element must pass completely through the crimping section. 4. In the same manner, try to insert the NO--GO element into the same crimping section. The NO--GO element may start entry, but must not pass completely through the crimping section. If the crimping sections conform to the gage inspection, they are considered dimensionally correct, and should be lubricated with a THIN coat of any good SAE No. 20 motor oil. If not, the die assembly must be replaced. Refer to Section 6, REPLACEMENT PARTS. For additional information concerning the use of a plug gage, refer to Instruction Sheet 408--7424. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |