Electronic Components Datasheet Search
  English  ▼

X  

OA172APXC Datasheet(PDF) 1 Page - ORION FANS

Part # OA172APXC
Description  172 x 51mm (6.7??x 2.0??
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OA172APXC Datasheet(HTML) 1 Page - ORION FANS

  OA172APXC Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Frame
DiecastAluminum
Operating Temperature
Ball Bearing
-10C ~ +70C
Life Expectancy
Ball Bearing
60,000 hours (L10 at 40C)
Approvals
UL/cUL: E170149
TUV: R50133700
CE
Impeller
PBT, UL94V-O plastic
Connection
Motor
Capacitor dirve, impedance
and thermally protected
Bearing System
Dual ball [ NSK or NMB ]
Insulation Resistance >100M ohm between lead-
wire and frame (500VDC)
Dielectric Strength
1 min at 1500 VAC, 50/60Hz
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
Frequency (Hz)
50/60
50/60
Rated Power
46 / 50 W
46 / 50 W
Rated Speed (RPM)
2600 / 3300
2600 / 3300
Airflow (CFM)
257 / 300
257 / 300
Noise Level (dB)
56 / 61
56 / 61
Max. Static Pressure
0.63” / 0.78” H2O
0.63” / 0.78” H2O
172 x 51mm
(6.7” x 2.0”)
Terminals
Part Number
OA172AP-11-1TB XC
OA172AP-22-1TB XC
Nominal Voltage
115 VAC
230 VAC
Voltage Range
8
0 ~ 125 VAC
220 ~ 240 VAC
OA172AP "XC" Series


Similar Part No. - OA172APXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA172AP ORIONFANS-OA172AP Datasheet
332Kb / 1P
AC - HARSH Environment
OA172AP ORIONFANS-OA172AP Datasheet
5Mb / 8P
AC & EC FANS
OA172AP-11-1 ORIONFANS-OA172AP-11-1 Datasheet
678Kb / 1P
AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
OA172AP-11-11855 ORIONFANS-OA172AP-11-11855 Datasheet
332Kb / 1P
AC - Harsh Environment 172 x 51mm (6.7??x 2.0??
OA172AP-11-2 ORIONFANS-OA172AP-11-2 Datasheet
678Kb / 1P
AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
More results

Similar Description - OA172APXC

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OA162 ORIONFANS-OA162 Datasheet
101Kb / 1P
172 x 55mm (6.7??x 2.2??
OA172S ORIONFANS-OA172S Datasheet
127Kb / 1P
172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172SAP ORIONFANS-OA172SAP Datasheet
109Kb / 1P
172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA5920 ORIONFANS-OA5920 Datasheet
114Kb / 1P
172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA162-METAL ORIONFANS-OA162-METAL Datasheet
310Kb / 1P
AC - Harsh Environment 172 x 55mm (6.7??x 2.17??
OA172AP ORIONFANS-OA172AP_16 Datasheet
678Kb / 1P
AC Fan - 115V, 230V 172 x 51mm (6.7?쓝 2.0??
OA172AP-METAL ORIONFANS-OA172AP-METAL Datasheet
332Kb / 1P
AC - Harsh Environment 172 x 51mm (6.7??x 2.0??
OA172SAP ORIONFANS-OA172SAP_16 Datasheet
128Kb / 1P
AC Fan - 115V, 230V 172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
OA172S-METAL ORIONFANS-OA172S-METAL Datasheet
336Kb / 1P
AC - Harsh Environment 172 x 150 x 51mm (6.7??x 5.9??x 2??
OA5920 ORIONFANS-OA5920_16 Datasheet
368Kb / 1P
AC Fan - 115V, 230V 172 x 150 x 51mm (6.7?쓝 5.9??x 2.0??
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com