Electronic Components Datasheet Search
  English  ▼

X  

PI74AVC16821 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI74AVC16821
Description  2.5V 20-Bit Bus Interface Flip-Flop with 3-State Outputs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16821 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI74AVC16821 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16821 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
PS8548
07/31/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74AVC+16821
2.5V 20-Bit Bus Interface
Flip-Flop with 3-State Outputs
Logic Block Diagram
Product Features
• PI74AVC
+16821 is designed for low-voltage operation,
VCC = 1.65V to 3.6V
• True ±24mA Balanced Drive @ 3.3V
• IOFF supports partial power-down operation
• 3.6V I/O Tolerant Inputs and Outputs
• All outputs contain a patented DDC
(Dynamic Drive Control) circuit that reduces noise
without degrading propagation delay
• Industrial operation: –40°C to +85°C
• Available Packages:
– 56-pin 240 mil wide plastic TSSOP (A)
– 56-pin 173 mil wide plastic TVSOP (K)
Description
Pericom Semiconductor’s PI74AVC+ series of logic circuits are
produced using the Company’s advanced submicron CMOS
technology, achieving industry leading speed.
ThePI74AVC+16821isa20-bit businterfaceflip-flopdesignedfor
1.65V to3.6V VCCoperation. Itcanbeusedastwo10-bitflip-flops
or one 20-bit flip-flop. The 20 flip-flops are edge-triggered D-type
flip-flops. On the positive transition of the clock (CLK) input, the
device provides true data at the Q outputs.
A buffered output-enable (OE) input can be used to place the ten
outputsineitheranormallogicstate(HIGHorLOWlevel)orahigh-
impedance state. In the high-impedance state, the outputs neither
load nor drive the bus lines significantly. The high-impedance state
and increased drive provide the capacity to drive bus lines without
the need for interface or pullup components.
OE does not affect the internal operation of the flip-flops. Old data
can be retained or new data can be entered while the outputs are in
the high-impedance state.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pullup resistor; the
minimum value of the resistor is determined by the current sinking
capability of the driver.
1
OE
C1
1
D
1CLK
TO 9 OTHER CHANNELS
1D1
1
Q1
1
56
55
2
One of Ten
Channels
2
OE
C1
1
D
2CLK
TO 9 OTHER CHANNELS
2D1
2Q1
28
29
42
15
One of Ten
Channels


Similar Part No. - PI74AVC16821

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16820 PERICOM-PI74AVC16820 Datasheet
604Kb / 10P
2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
PI74AVC16820A PERICOM-PI74AVC16820A Datasheet
604Kb / 10P
2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
PI74AVC16820AE PERICOM-PI74AVC16820AE Datasheet
604Kb / 10P
2.5V 10-Bit Flip-Flop with Dual and 3-State Outputs
More results

Similar Description - PI74AVC16821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI-SN74ALVCH16823 Datasheet
137Kb / 10P
18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29821 TI-SN74BCT29821 Datasheet
70Kb / 5P
10-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI-SN74BCT29823 Datasheet
73Kb / 5P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC823A TI-SN74LVC823A Datasheet
299Kb / 14P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16823 PERICOM-PI74ALVCH16823 Datasheet
327Kb / 5P
18-Bit Bus-Interface Flip-Flop with 3-State Outputs
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16823 TI1-SN74ALVCH16823_15 Datasheet
841Kb / 20P
18-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74BCT29823 TI1-SN74BCT29823_11 Datasheet
204Kb / 8P
9-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com