Electronic Components Datasheet Search
  English  ▼

X  

DTC014YEB Datasheet(PDF) 2 Page - Rohm

Part # DTC014YEB
Description  NPN 100mA 50V Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC014YEB Datasheet(HTML) 2 Page - Rohm

  DTC014YEB Datasheet HTML 1Page - Rohm DTC014YEB Datasheet HTML 2Page - Rohm DTC014YEB Datasheet HTML 3Page - Rohm DTC014YEB Datasheet HTML 4Page - Rohm DTC014YEB Datasheet HTML 5Page - Rohm DTC014YEB Datasheet HTML 6Page - Rohm DTC014YEB Datasheet HTML 7Page - Rohm DTC014YEB Datasheet HTML 8Page - Rohm DTC014YEB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DTC014Y series
 
               
Datasheet
l
lAbsolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Values
Unit
Supply voltage
VCC
50
V
Input voltage
VIN
40 to -6
V
Output current
IO
70
mA
Collector current
IC(MAX)*1
100
mA
Power dissipation
DTC014YM
PD*2
150
mW
DTC014YEB
150
DTC014YUB
200
Junction temperature
Tj
150
℃
Range of storage temperature
Tstg
-55 to +150
℃
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input voltage
VI(off)
VCC = 5V, IO = 100μA
-
-
0.5
V
VI(on)
VO = 0.3V, IO = 5mA
1.7
-
-
Output voltage
VO(on)
IO = 5mA, II = 0.5mA
-
50
150
mV
Input current
II
VI = 5V
-
-
880
μA
Output current
IO(off)
VCC = 50V, VI = 0V
-
-
500
nA
DC current gain
GI
VO = 10V, IO = 5mA
80
-
-
-
Input resistance
R1
-
7
10
13
kΩ
Resistance ratio
R2/R1
-
3.7
4.7
5.7
-
Transition frequency
fT*1
VCE = 10V, IE = -5mA,
f = 100MHz
-
250
-
MHz
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference land.
                                            
 
                                        
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
2/7
20160212 - Rev.002



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com