Electronic Components Datasheet Search
  English  ▼

X  

DTC024E Datasheet(PDF) 3 Page - Rohm

Part # DTC024E
Description  NPN 100mA 50V Digital Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC024E Datasheet(HTML) 3 Page - Rohm

  DTC024E Datasheet HTML 1Page - Rohm DTC024E Datasheet HTML 2Page - Rohm DTC024E Datasheet HTML 3Page - Rohm DTC024E Datasheet HTML 4Page - Rohm DTC024E Datasheet HTML 5Page - Rohm DTC024E Datasheet HTML 6Page - Rohm DTC024E Datasheet HTML 7Page - Rohm DTC024E Datasheet HTML 8Page - Rohm DTC024E Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DTC024E series
 
 
               
Datasheet
l
lElectrical characteristic curves (Ta =25°C)
Fig.1 Input voltage vs. output current (ON
characteristics)
Fig.2 Output current vs. input voltage (OFF
characteristics)
Fig.3 Output current vs. output voltage
Fig.4 DC current gain vs. output current
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/7
20160119 - Rev.003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com