Electronic Components Datasheet Search
  English  ▼

X  

ATmega48 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATmega48
Description  AVR UC3 A0/A1 (revision H and later)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega48 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATmega48 Datasheet HTML 2Page - ATMEL Corporation ATmega48 Datasheet HTML 3Page - ATMEL Corporation ATmega48 Datasheet HTML 4Page - ATMEL Corporation ATmega48 Datasheet HTML 5Page - ATMEL Corporation ATmega48 Datasheet HTML 6Page - ATMEL Corporation ATmega48 Datasheet HTML 7Page - ATMEL Corporation ATmega48 Datasheet HTML 8Page - ATMEL Corporation ATmega48 Datasheet HTML 9Page - ATMEL Corporation ATmega48 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
ASF
•
Add WINC3400 support and updating WINC1500 firmware to 19.4.4
•
Add WILC1000/3000 support
Release ASF3.28 (Nov 2015)
•
Add SAM B11 device and Xplained Pro board support
•
Add SAM E70 XPLD board and examples support
•
Add ATmega328PB device and XMINI board support
•
Add SAM4ECB device support
•
TAL and Performance Analyzer application support for RF215v3(Rev. D)
Release ASF3.27.3 (Sep 2015)
•
BluSDK3.0 Beta (BLE 4.1) support
•
Add Module config file for Performance analyzer application component
Release ASF3.27 (Sep 2015)
•
Add SAM L22 device and Xplained Pro kit support
•
Add SAM D09 device support
•
Add more modules support for SAM V70/V71/E70/S70
• Drivers: MCAN, USBHS
• Service: USB
• Component: s25flxx, sd_mmc, ili9488, wm8904, is42s16100e
• Third party: FreeRTOS, lwip, fatfs, CMSIS
•
Add ADP service and example on SAM D21 Xplained Pro kit
Release ASF3.26 (Aug 2015)
•
Add SAML21 revB device support
•
Add SAMR21E19 device support
•
Add SAMD21GxL device support
•
Add MEGA328P XMINI board support
•
Add more modules support for SAM V70/V71/E70/S70
• Drivers: XDMA, GMAC, USART
• Component: at24macxx, ksz8061rnb
•
Support for Proximetry Cloud solution in SmartConnect 6LoWPAN Stack
•
WINC1500 driver update to rev 19.3.0
Release ASF3.25 (Jul 2015)
•
Add SAMC20/SAMC21 device and SAMC21 Xplained Pro kit support in ASF:
• Drivers: AC, ADC, BOD, CAN, CCL, DAC, DIVAS, DMA, EVENTS, EXTINT, NVM, PAC, PORT, RTC,
SDADC, SERCOM(SPI, USART, I2C), System(clock, interrupt, pinmux, power, reset), TC, TCC, WDT
• Services: eeprom, delay
• Third party: CMSIS, freertos, fatfs
• Applications: led_toggle, getting-started, dac_sound_player, sleepwalking_adc, xosc32k_failure_detector
•
SAM V70/V71/E70/S70 devices and SAMV71-ULTR board support
• Drivers: AFEC, ACC, CHIPID, AES, DAC, EFC, GPBR, ICM, MATRIX, PIO, PMC, PWM, RSTC, RTC, RTT,
SMC, SSC, SUPC, SPI, TC, TRNG, TWIHS, UART, USART, WDT
• Services: flash_efc, delay, clock, ioport, serial, sleepmgr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19