Electronic Components Datasheet Search
  English  ▼

X  

TIPL760B Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TIPL760B
Description  NPN SILICON POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TIPL760B Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TIPL760B Datasheet HTML 1Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 2Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 3Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 4Page - Bourns Electronic Solutions TIPL760B Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TIPL760B, TIPL760C
NPN SILICON POWER TRANSISTORS
2
PRODU CT
INFORMA TION
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
NOTES: 2. Inductive loop switching measurement.
3. These parameters must be measured using pulse techniques, tp = 300 µs, duty cycle ≤ 2%.
4. These parameters must be measured using voltage-sensing contacts, separate from the current carrying contacts.
† Voltage and current values shown are nominal; exact values vary slightly with transistor parameters.
electrical characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(sus)
Collector-emitter
sustaining voltage
IC =
10 mA
L = 25 mH
(see Note 2)
TIPL760B
TIPL760C
500
550
V
ICES
Collector-emitter
cut-off current
VCE = 1100 V
VCE = 1200 V
VCE = 1100 V
VCE = 1200 V
VBE =0
VBE =0
VBE =0
VBE =0
TC = 100°C
TC = 100°C
TIPL760B
TIPL760C
TIPL760B
TIPL760C
50
50
200
200
µA
ICEO
Collector cut-off
current
VCE = 500 V
VCE = 550 V
IB =0
IB =0
TIPL760B
TIPL760C
50
50
µA
IEBO
Emitter cut-off
current
VEB =
10 V
IC =0
1
mA
hFE
Forward current
transfer ratio
VCE =
5 V
IC = 0.5 A
(see Notes 3 and 4)
20
60
VCE(sat)
Collector-emitter
saturation voltage
IB =
0.4 A
IB =
0.6 A
IB =
0.6 A
IC =
2A
IC =
3A
IC =
3A
(see Notes 3 and 4)
TC = 100°C
1.0
2.5
5.0
V
VBE(sat)
Base-emitter
saturation voltage
IB =
0.4 A
IB =
0.6 A
IB =
0.6 A
IC =
2A
IC =
3A
IC =
3 A
(see Notes 3 and 4)
TC = 100°C
1.2
1.4
1.3
V
ft
Current gain
bandwidth product
VCE =
10 V
IC = 0.5 A
f =
1 MHz
12
MHz
Cob
Output capacitance
VCB =
20 V
IE = 0
f = 0.1 MHz
110
pF
thermal characteristics
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Junction to case thermal resistance
1.56
°C/W
inductive-load-switching characteristics at 25°C case temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS †
MIN
TYP
MAX
UNIT
tsv
Voltage storage time
IC = 3 A
VBE(off) = -5 V
IB(on) = 0.6 A
(see Figures 1 and 2)
2.5
µs
trv
Voltage rise time
300
ns
tfi
Current fall time
250
ns
tti
Current tail time
150
ns
txo
Cross over time
400
ns
tsv
Voltage storage time
IC = 3 A
VBE(off) = -5 V
IB(on) = 0.6 A
TC = 100°C
(see Figures 1 and 2)
3µs
trv
Voltage rise time
500
ns
tfi
Current fall time
250
ns
tti
Current tail time
150
ns
txo
Cross over time
750
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com