Electronic Components Datasheet Search
  English  ▼

X  

ATTiny43V Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATTiny43V
Description  Routing&Socket card
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTiny43V Datasheet(HTML) 1 Page - ATMEL Corporation

  ATTiny43V Datasheet HTML 1Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
PA3
PA5
PA7
PB3
PB5
PB7
PB1
PB4
PB5
PB6
PA6
PA7
PA0
PA2
PA4
PA6
PB0
PB2
PB4
PB6
BOARD_ID0
BOARD_ID5
BOARD_ID1
PA1
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PA0
PA5
PA4
PA3
PA1
PA2
BOARD_ID4
LSW_MLF
PB0
PB1
PA6
PA7
PA5
PB7
BATS
LSW
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
SOCKET_RESET
SOCKET_RESET
LSW_SOIC
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VTG
VTG
VTG
VTG
VTG
VTG
VTG
VTG
VTG
VCC
VTG
VTG
VTG
VTG
VTG
VTG
VCC
GND
GND
GND
VTG
GND
VCC
GND
VCC
GND
GND
VTG
GND
VTG
GND
GND
GND
GND
GND
GND
GND
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
STK600 socket card ATTiny23V / ATTiny43V
A3
11
Wednesday, March 05, 2008
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
STK600 socket card ATTiny23V / ATTiny43V
A3
11
Wednesday, March 05, 2008
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
STK600 socket card ATTiny23V / ATTiny43V
A3
11
Wednesday, March 05, 2008
PA0
PA4
PA2
PA6
PA1
PA3
PA5
PA7
PB1
PB3
PB5
PB7
PC1
PC3
PC5
PC7
PD1
PD3
PD5
PD7
PE1
PE3
PE5
PE7
PF1
PF3
PF5
PF7
PG1
PG3
PB0
PB2
PB4
PB6
PC0
PC2
PC4
PC6
PD0
PD2
PD4
PD6
PE0
PE2
PE4
PE6
PF0
PF2
PF4
PF6
PG0
PG2
PG4
ATTiny23U / ATTiny43U Routing&Socket card
PC2
PG6
PG7
XTAL1
XTAL2
PJ0
PJ1
PH1
PH3
PH5
PDATA0
PDATA2
PDATA4
PDATA6
PDATA1
PDATA3
PDATA5
PDATA7
PJ2
PJ3
PJ4
PJ5
PJ6
PJ7
PH7
PK1
PK0
PK2
PK7
PK5
PK3
PK6
PK4
PH0
PL1
PL0
PL2
PL7
PL5
PL3
PL6
PL4
PH2
PM1
PM0
PM2
PM7
PM5
PM3
PM6
PM4
PN1
PN0
PN2
PN7
PN5
PN3
PN6
PH4
PN4
PP1
PP0
PP2
PP7
PP5
PP3
PP6
PP4
PG5
PH6
PQ1
PQ0
PQ2
PQ7
PQ5
PQ3
PQ6
PQ4
MOSI
MISO
SCK
PCTRL0
PCTRL2
PCTRL4
PCTRL6
PCTRL1
PCTRL3
PCTRL5
PCTRL7
ID: 0x09
a: 0
b: /(A XOR B)
ev
A XNOR B
reset
tosc1
tosc2
aref0
tdi
tdo
tms
tck
dp
usbid
dn
vbus
uvcon
wr
bs2
rdy
oe
bs1
xa1
xa0
pagel
Silk:
J3 (Vbat)
"pin1 +"
and
"pin2 -"
NOTE:
When connecting external
power to J3
- open Vtarget on mainboard
- short J8
Silk: J8
Short J8 to connect Boost to
VCC / VTG
See layout guidelines for floorplan
Keep capacitors close to IC pins
J1 and J2 goes down to the mother
board.
J1
J2
PROG CTRL
PROG DATA
AUX
ISP
GND
VCC
XTAL1
Be aware of conflicting components
on STK600 while placing J12 !
SILK:
USAGE:
BOOST regulator:
open Vtarget jumper on mainboard
short J8
strap wire from mainboard Vtarget pin1 to J3 (Vbat) pin 1
w/o BOOST regulator
short J3 (Vbat)
open J8
short Vtarget jumper on mainboard
ST1
652D0202211-001
ST1
652D0202211-001
PB2 [OC0B]
3
PB3 [T1-CLKO]
4
PB4 [DI-OC1A]
5
PB5 [DO-OC1B]
6
PB6 [USCK-SCL]
7
PB7 [INT0]
8
VCC
9
GND
10
LSW
11
VBAT
12
[ADC0] PA0
13
[ADC1] PA1
14
[ADC2] PA2
15
[ADC3] PA3
16
[AIN0] PA4
17
[AIN1] PA5
18
[CLKI] PA6
19
[RST-dW] PA7
20
PB0 [TO]
1
PB1 [OC0A]
2
E3
PCB Clip Hole, STK600 Routing card
E3
PCB Clip Hole, STK600 Routing card
R16
680R
R16
680R
C52
100p
C52
100p
J1
Mating FSI-150
J1
Mating FSI-150
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
L1
MSS6132-153ML
L1
MSS6132-153ML
C43
100n
C43
100n
E7
FIDUCIAL
E7
FIDUCIAL
+
C32
10u
+
C32
10u
U1
NC7SZ57P6X
U1
NC7SZ57P6X
I0
3
I1
1
I2
6
Y
4
C44
100n
C44
100n
PCB1
A08-0409.C
PCB1
A08-0409.C
R15
680R
R15
680R
C40
22 uF
C40
22 uF
J3
CD075014 1X2
J3
CD075014 1X2
1
2
U4
ATtiny43U-MLF
U4
ATtiny43U-MLF
PB7 [INT0]
6
VCC
7
GND
8
LSW
9
VBAT
10
PA5 [AIN1]
16
PA6 [CLKI]
17
PA7 [RST-dW]
18
PB0 [TO]
19
PB1 [OC0A]
20
C27
4.7u
C27
4.7u
E6
FIDUCIAL
E6
FIDUCIAL
D1
MBR0520L_NL
D1
MBR0520L_NL
2
1
J2
Mating FSI-150
J2
Mating FSI-150
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
53
55
57
59
61
63
65
67
69
71
73
75
77
79
81
83
85
87
89
91
93
95
97
99
52
54
56
58
60
62
64
66
68
70
72
74
76
78
80
82
84
86
88
90
92
94
96
98
100
J8
CD075014 1X2
J8
CD075014 1X2
1
2
J12
CD075014 2X5
J12
CD075014 2X5
1
2
3
4
5
6
7
8
9
10
C37
100n
C37
100n
C42
100n
C42
100n
E4
PCB Clip Hole, STK600 Routing card
E4
PCB Clip Hole, STK600 Routing card
E5
FIDUCIAL
E5
FIDUCIAL
J11
CD075014 2X3
J11
CD075014 2X3
MISO
1
VCC
2
SCK
3
MOSI
4
RESET
5
GND
6
C31
100p
C31
100p
C36
100n
C36
100n
E2
PCB Clip Hole, STK600 Routing card
E2
PCB Clip Hole, STK600 Routing card
JS3
YMJ-02-O-BK
JS3
YMJ-02-O-BK
U5
ATtiny43U-SOIC
U5
ATtiny43U-SOIC
PB2 [OC0B]
3
PB3 [T1-CLKO]
4
PB4 [DI-OC1A]
5
PB5 [DO-OC1B]
6
PB6 [USCK-SCL]
7
PB7 [INT0]
8
VCC
9
GND
10
LSW
11
VBAT
12
[ADC0] PA0
13
[ADC1] PA1
14
[ADC2] PA2
15
[ADC3] PA3
16
[AIN0] PA4
17
[AIN1] PA5
18
[CLKI] PA6
19
[RST-dW] PA7
20
PB0 [TO]
1
PB1 [OC0A]
2
C22
100n
C22
100n
C41
22 uF
C41
22 uF
R51
2k
R51
2k
J10
CD075014 2X5
J10
CD075014 2X5
1
2
3
4
5
6
7
8
9
10
J9
CD075014 2X5
J9
CD075014 2X5
1
2
3
4
5
6
7
8
9
10
E1
PCB Clip Hole, STK600 Routing card
E1
PCB Clip Hole, STK600 Routing card


Similar Part No. - ATTiny43V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY4313 ATMEL-ATTINY4313 Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY4313-MMH ATMEL-ATTINY4313-MMH Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY4313-MU ATMEL-ATTINY4313-MU Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY4313-PU ATMEL-ATTINY4313-PU Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
ATTINY4313-SU ATMEL-ATTINY4313-SU Datasheet
635Kb / 20P
8-bit Microcontroller with 2/4K Bytes In-System Programmable Flash
More results

Similar Description - ATTiny43V

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR600 ATMEL-AVR600 Datasheet
240Kb / 19P
The routing / socket card design provides a low cost solution
STK600-RC020T-23 ATMEL-STK600-RC020T-23 Datasheet
45Kb / 1P
Routing card
STK600-RC020T-44 ATMEL-STK600-RC020T-44 Datasheet
527Kb / 1P
Routing card
STK600-RC020T-54 ATMEL-STK600-RC020T-54 Datasheet
40Kb / 1P
Routing card
STK600-RC024SAM-90 ATMEL-STK600-RC024SAM-90 Datasheet
325Kb / 1P
Routing card
STK600-RC032T-56 ATMEL-STK600-RC032T-56 Datasheet
303Kb / 1P
Routing card
RC064M-9 ATMEL-RC064M-9 Datasheet
43Kb / 1P
Routing Card
RCPWM-19 ATMEL-RCPWM-19 Datasheet
45Kb / 1P
Routing card
RC044M-24 ATMEL-RC044M-24 Datasheet
54Kb / 1P
Routing card
RCPWM-22 ATMEL-RCPWM-22 Datasheet
45Kb / 1P
Routing card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com