Electronic Components Datasheet Search
  English  ▼

X  

AN1427 Datasheet(PDF) 9 Page - Microchip Technology

Part # AN1427
Description  High-Efficiency Solutions for Portable LED Lighting
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1427 Datasheet(HTML) 9 Page - Microchip Technology

Back Button AN1427 Datasheet HTML 4Page - Microchip Technology AN1427 Datasheet HTML 5Page - Microchip Technology AN1427 Datasheet HTML 6Page - Microchip Technology AN1427 Datasheet HTML 7Page - Microchip Technology AN1427 Datasheet HTML 8Page - Microchip Technology AN1427 Datasheet HTML 9Page - Microchip Technology AN1427 Datasheet HTML 10Page - Microchip Technology AN1427 Datasheet HTML 11Page - Microchip Technology AN1427 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
 2012 Microchip Technology Inc.
DS01427A-page 9
AN1427
LAYOUT TIPS
To design a low noise, high-efficiency converter, it is
necessary to observe the current paths. Everything
should be placed as tightly as possible and connected
by generous copper areas. Only use traces instead of
copper pours where the current ripple is small (e.g.,
after the output capacitors). Even in that case, traces
should be thick enough to accommodate the passing
current.
Because current limiting is done on the current peak in
a pulse-by-pulse fashion, it is needed to have a proper
inductor current waveform. The inductor and the output
capacitors filter the output current nicely and make the
waveform unsuitable for the PIC MCU comparator.
Normally, a high side current sensor would do the trick,
but that would complicate the layout and add a lot of
extra components. A quick solution is to connect the
output capacitors to the ground through the current
shunt. There is a very small loss of efficiency because
of the higher ESR, but the current waveform has the
correct shape. Even with this trick measured, efficiency
goes above 90% at a 3A output current.
Closing ground loops properly means the layout needs
to have a short (and clear of obstruction) path between
the ground connections of important components: input
capacitors, low-side switch and output capacitors (cur-
rent shunt in this case, because of the trick mentioned
earlier). It is ideal to use solid ground connections for
these components but, if it really makes it impossible to
solder the components by hand, use a thermal relief
with very thick spokes (40 mils or more).
Use ground planes on both sides, if possible, and a
generous number of vias to decrease the impedance.
One side should have unobstructed, short paths
between component ground connections. If it is not
possible to use ground planes on both sides, use cop-
per pours (on the side you cannot use a plane on), and
pack it with vias to minimize the impedance to the other
side.
Other things that need to be laid out carefully:
- Connections from the MCP14628 driver to
the MOSFET gates should be thick and
short, because peak current is 2A. The mea-
sured positive and negative edges on the
transistor gates are < 10 ns, resulting in a sig-
nal bandwidth close to 1 GHz.
- MCP14628 should be decoupled properly
with a capacitor placed very close to the
power pin. When driving the transistor gates,
high current pulses are needed.
- MCP14628 BOOT and PHASE pins should
have short and thick connections.
- Capacitor C9 (See Figure 9) from the current
sense RC filter should be placed close to the
microcontroller comparator pin to properly
attenuate high-frequency switching noise.
CONCLUSIONS
The new generation of microcontroller peripherals like
the COG allows easy implementation of cost-effective,
high-performance switching converters, while allowing
a lot of flexibility. Current mode converters have many
important applications, especially in LED lighting.
Bringing together the flexibility of a PIC microcontroller
and a synchronous topology will result in a high-
efficiency power supply design (>90%) with a lot of
intelligence and room for customization.
REFERENCES
•“MCP14628 – 2A Synchronous Buck Power
MOSFET Driver“ (DS22083), (http://ww1.micro-
chip.com/downloads/en/DeviceDoc/22083a.pdf)
•“PIC12F/LF1822/PIC16F/LF1823 8/14-Pin Flash
MCUs w/ nanoWatt XLP Technology“ (DS41413),
(http://ww1.microchip.com/downloads/en/
DeviceDoc/41413B.pdf)
•“PIC12F752/HV752 Data Sheet“ (DS41576),
(http://ww1.microchip.com/downloads/en/
DeviceDoc/41576B.pdf)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com