Electronic Components Datasheet Search
  English  ▼

X  

1G0121 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # 1G0121
Description  125째C DYNAMIC OPERATING LIFE TEST
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

1G0121 Datasheet(HTML) 3 Page - ATMEL Corporation

  1G0121 Datasheet HTML 1Page - ATMEL Corporation 1G0121 Datasheet HTML 2Page - ATMEL Corporation 1G0121 Datasheet HTML 3Page - ATMEL Corporation 1G0121 Datasheet HTML 4Page - ATMEL Corporation 1G0121 Datasheet HTML 5Page - ATMEL Corporation 1G0121 Datasheet HTML 6Page - ATMEL Corporation 1G0121 Datasheet HTML 7Page - ATMEL Corporation 1G0121 Datasheet HTML 8Page - ATMEL Corporation 1G0121 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PAGE 3 OF 11
AT-89C52
200°C DATA RETENTION BAKE
LOT
DATE
SAMPLE
TOTAL
NUMBER
NUMBER
CODE
SIZE
CKT-HRS(K)
OF FAILURES
5C2822
5C9547
393
393.0
0
FAILURE RATE
TOTAL DEVICE HOURS
393,000 DEVICE HOURS
BEST ESTIMATE
λ
= 0.18% PER 1000 HOURS
50°C AMBIENT
EXTRAPOLATION TO 50°C VIA
ARRHENNIUS EQUATION AND
ACTIVATION ENERGY OF 0.5eV
λ
= 0.0006% PER 1,000 HOURS (6 FITS)
CONFIDENCE ESTIMATE
λ
60 = 0.0008% PER 1000 HOURS
60% CONFIDENCE (8 FITS)
λ
90 = 0.002% PER 1000 HOURS
90% CONFIDENCE (20 FITS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com