Electronic Components Datasheet Search
  English  ▼

X  

ACTF2082 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF2082
Description  SAW BANDPASS FILTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF2082 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF2082 Datasheet HTML 1Page - Advanced Crystal Technology ACTF2082 Datasheet HTML 2Page - Advanced Crystal Technology ACTF2082 Datasheet HTML 3Page - Advanced Crystal Technology ACTF2082 Datasheet HTML 4Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Iss1 C1u,
Date 13-7-2011
SAW BANDPASS FILTER
PART NO.: ACTF2082-140-SMP03
Features
Bandpass filter for base station
Ceramic Package for Surface Mounted
T
echnology (SMT)
Lead-free Production and RoHS Compliance
Package Dimensions
Pin
Configuration
1
Input Ground
2
Input
6
Output Ground
7
Output
3,5,8,10
Ground
4,9
Case Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
7.0
E
0.6
B
5.0
F
1.0
C
1.27
G
1.5
D
2.54
Marking
Top View, Laser Marking
"ND”:
Manufacturer’s mark
“F”:
SAW filter
“2082”:
Part number
” · ”:
Terminal 1
ACTF *
2082
“*”:
Lot number (The code shown below varies in a 4-year cycle)
Code
1
2
3
4
5
6
7
8
9
10
11
12
2009
A
B
C
D
E
F
G
H
J
K
L
M
2010
N
P
Q
R
S
T
U
V
W
X
Y
Z
2011
a
b
c
d
e
f
g
h
i
j
k
m
2012
n
p
q
r
s
t
u
v
w
x
y
z
Page 1 of 4


Similar Part No. - ACTF2082

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF2088 ACT-ACTF2088 Datasheet
338Kb / 2P
IF band pass filter
ACTF2088-140-SMP53 ACT-ACTF2088-140-SMP53 Datasheet
338Kb / 2P
IF band pass filter
ACTF2089 ACT-ACTF2089 Datasheet
357Kb / 3P
SAW Filter for Multimedia Applications
13-7-2011
ACTF2089-140-SMP53 ACT-ACTF2089-140-SMP53 Datasheet
357Kb / 3P
SAW Filter for Multimedia Applications
13-7-2011
More results

Similar Description - ACTF2082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
SAW BANDPASS FILTER
logo
Integrated Technology F...
234351B ITF-234351B Datasheet
213Kb / 5P
SAW Bandpass Filter
2004-11-20
271101B ITF-271101B Datasheet
207Kb / 5P
SAW Bandpass Filter
2004-10-22
F2G12 ITF-F2G12 Datasheet
334Kb / 7P
SAW Bandpass Filter
2007-01-24
logo
Advanced Crystal Techno...
ACTF9357 ACT-ACTF9357 Datasheet
341Kb / 7P
SAW BANDPASS FILTER
ACTF9210 ACT-ACTF9210 Datasheet
494Kb / 7P
SAW BANDPASS FILTER
ACTF8042 ACT-ACTF8042 Datasheet
294Kb / 3P
SAW BANDPASS FILTER
ACTF4039 ACT-ACTF4039 Datasheet
196Kb / 2P
SAW BANDPASS FILTER
ACTF8058 ACT-ACTF8058 Datasheet
320Kb / 3P
SAW BANDPASS FILTER
ACTF2102 ACT-ACTF2102 Datasheet
761Kb / 4P
SAW BANDPASS FILTER
13-7-2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com