Electronic Components Datasheet Search
  English  ▼

X  

SDP31 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SDP31
Description  Smallest size enables portable applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDP31 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SDP31 Datasheet HTML 1Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDP31 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.sensirion.com
Version 0.8 – January 2017
4/14
3. Pin Assignment
The SDP3x consists of a QFN package with a plastic cap covering the top and providing the pneumatic connections to the
sensor. The pin assignments of the SDP3x-Digital can be found in Table 1.
Pin no.
Name
Description
1
GND
Connect to ground
2
GND
Connect to ground
3
GND
Connect to ground
4
IRQn
Interrupt output. Active low. Keep
floating when not used.
5
SCL
Serial Clock (I2C Interface)
6
GND
Connect to ground
7
VDD
VDD Supply
8
SDA
Bidirectional Serial Data (I2C Interface)
9
ADDR
I2C Address selection input.
10
GND
Connect to ground
11
GND
Connect to ground
12-16
-
Reserved. Do not connect
Table 1: SDP3x-Digital pin assignment (bottom view).
3.1
Power Pins (VDD, GND)
The power supply pins must be decoupled with a 100 nF capacitor that shall be placed as close to the sensor as possible.
3.2
Serial Clock and Serial Data (SCL, SDA)
The SCL and SDA are bidirectional pins of the I2C slave interface. The SCL is the Serial Clock pin and the SDA is the Serial
Data pin. For more details about the I2C interface refer to section 5.
3.3
ADDR Pin
The SDP3x-Digital supports different I2C addresses. With the ADDR pin an address can be selected. Connecting the ADDR
pin to GND selects the default address. Other I2C addresses can be selected with a resistor connected to GND. The maximum
tolerance for the resistor is ±5%. Do not connect the ADDR pin to VDD.
I2C Address (Hex) Condition
0x21
ADDR connected to GND
0x22
ADDR connected with 1.2kOhm to GND
0x23
ADDR connected with 2.7kOhm to GND
3.4
IRQn Pin
The IRQn pin indicates whether new measurement results are available. The signal is active low, meaning that when the
signal is high there is no new measurement data available. The IRQn will automatically clear to high when a differential
pressure value is read out. The IRQn pin will also be set to low after every soft reset or Power on Reset, until a measurement
command is sent.
When the IRQn signal is not used, the pin should stay unconnected and must not be connected to GND or VDD.
3.5
Die Pad (Center Pad)
The die pad or center pad is visible from below and located in the center of the package. It is internally connected to GND and
therefore there are no electrical constraints on connecting or not connecting the die pad to GND. For mechanical stability it is
recommended to solder the center pad to the PCB.
The hole in the middle of the die pad must stay open during soldering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com